Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RELI-DA01 Datasheet(PDF) 2 Page - Recom International Power

Part # RELI-DA01
Description  Compliant with DALI Standard
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RELI-DA01 Datasheet(HTML) 2 Page - Recom International Power

  RELI-DA01 Datasheet HTML 1Page - Recom International Power RELI-DA01 Datasheet HTML 2Page - Recom International Power RELI-DA01 Datasheet HTML 3Page - Recom International Power RELI-DA01 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Characteristics
RELI-DA01/R
Series
LIGHTLINE
AC/DC-Converter
Variable
Default Value
Reset Value
Range of Validity
Actual Dim Level
254
254
0, Min Level - Max Level
Power on Level
254
254
0 - 255 (Mask)
System Failure Level
254
254
0 - 255 (Mask)
Min Level
Physical Min Level
Physical Min Level
Physical Min Level - Max Level
Max Level
254
254
Min Level - 254
Fade Rate
7 (45 steps/s)
7 (45 steps/s)
1-15
Fade Time
0 (no fade)
0 (no fade)
0-15
Short Address
255 (Mask)
no change
0-63
255 (Mask)
Search Address
FF FF FF
FF FF FF
00 00 00 - FF FF FF
Random Address
FF FF FF
FF FF FF
00 00 00 - FF FF FF
Group 0-7
0000 0000 (no group)
0000 0000 (no group)
0 - 255
Group 8-15
0000 0000 (no group)
0000 0000 (no group)
0 - 255
Group 0-15
255 (Mask)
255 (Mask)
0 - 255 (Mask)
Status Information
1xx0 xxxx
0x10 0xxx
0 - 255
Version Number
1
no change
Factory-defined
x = actual value depend on the operation status
DALI Declaration for Factory Variables (for Part 102)
DALI Declaration for Factory Variables (for Part 206)
Variable
Default Value
Reset Value
Received Command
Range of Validity
Dimming Curve
0
No change
0
0-1; (2 - 255 reserved)
Converter Features
0011 a101
No change
0011 a101
53; 61
Failure Status
0000 0000
No change
0000 0000
0 - 255
Converter Status
0000 0000
No change
0000 0000
0 - 255
Extended Version Number
1
No change
1
Factory-defined
Device Type
5
No change
5
Factory-defined
Physical min Level
1
No change
1
1-253
a = 0 Relay Function dissabled; a = 1 Relay Function enabled
DALI Command Set
Command Number
Command Name
Function
-
DIRECT ARC POWER
set directly the light level
0
OFF
switch off the light
1
UP
dim up the light
2
DOWN
dim down the light
5
RECALL MAX
recall the maximum light level
6
RECALL MIN
recall the minimum light level
The RELI-DA01/R has been accepted by agDALI as conforming to the DALI standard for Control Gear (IEC 62386-102)
and Device Type 5 (IEC 62386-206). It supports all relevant commands of the defined command set.
Not supported commands include the “QUERY LAMP FAILURE” and the “QUERY LAMP POWER ON”.
Additionally the features to disable the Relay Switch, set the output to PWM, change the PWM from active-
high to active-low are additional and not tested by DALI (refer to the RELI-DA01/R instruction manual).
www.recom-power.com
L-73
REV: 0/2015



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com