Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACU2109S3C Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # ACU2109S3C
Description  Wideband Tuner Upconverter Data Sheet - Rev 2.4
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACU2109S3C Datasheet(HTML) 3 Page - ANADIGICS, Inc

  ACU2109S3C Datasheet HTML 1Page - ANADIGICS, Inc ACU2109S3C Datasheet HTML 2Page - ANADIGICS, Inc ACU2109S3C Datasheet HTML 3Page - ANADIGICS, Inc ACU2109S3C Datasheet HTML 4Page - ANADIGICS, Inc ACU2109S3C Datasheet HTML 5Page - ANADIGICS, Inc ACU2109S3C Datasheet HTML 6Page - ANADIGICS, Inc ACU2109S3C Datasheet HTML 7Page - ANADIGICS, Inc ACU2109S3C Datasheet HTML 8Page - ANADIGICS, Inc ACU2109S3C Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet - Rev 2.4
07/2003
ACU2109
3
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent
damage. Functional operation is not implied under these conditions.
Exposure to absolute ratings for extended periods of time may
adversely affect reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric
performance is guaranteed only over the conditions defined in the electrical
specifications.
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
V FI V
, LO,V C
S
O
)
6
1
&
4
1
,
0
1
,
1
s
n
i
P
(0
9
+C
D
V
V F
R
V
/
E
N
U
T
)
1
1
&
6
s
n
i
P
(-
0
C
D
V
e
g
a
tl
o
V
t
u
p
n
I
F
R-
0
6
+V
m
B
d
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S5
5
-0
0
2
+C
°
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
S-
0
6
2
+C
°
e
m
i
T
g
n
ir
e
d
l
o
S-
5
.
c
e
S
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
y
c
n
e
u
q
e
r
F
F
R
F
I
O
L
0
5
0
0
9
0
5
9
-
-
-
0
6
8
0
0
2
1
0
6
0
2
z
H
M
V FI
0
7
.
4
+0
.
5
+5
2
.
5
+C
D
V
V O
L
0
7
.
4
+0
.
5
+5
2
.
5
+C
D
V
e
g
a
tl
o
V
g
n
i
n
u
T0
.
1
+-
7
2
+V
)
3
n
i
P
(
e
g
a
tl
o
V
n
w
o
d
t
u
h
S-
2
--
V
T
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
t
n
e
i
b
m
A
A
)
1
(
0
4
--
5
8
+
C
°
Notes:
(1) Case temperature is 15 °C higher than Ambient Temperature, when Ambient
Temperature is < +65 °C, using PC Board Layout shown in Figures 19 - 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com