Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B210LP Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # B210LP
Description  Analog Addressable Laser Smoke Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

B210LP Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  B210LP Datasheet HTML 1Page - Gamewell-FCI by Honeywell B210LP Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2015 by Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
9020-0525 Rev. G page 1 of 2
ASD-LS
Analog Addressable
Laser Smoke Sensor
APPROVED
FM
3023594
SIGNALING
S1913
7272-1703:0114
Description
The Gamewell-FCI, Model ASD-LS, is a low profile laser
smoke sensor that adds another new dimension to analog
addressable fire detection. It incorporates laser smoke
detection technology that provides unsurpassed sensitivity
and response to maximize detection. This feature makes
the sensor ultra-sensitive to smoke, as much as 100 times
more sensitive than conventional photo-electric smoke
detection technology.
An innovative laser diode and precision optics design
combine with an array of integral software tools to allow
the sensor to quickly identify the fire. The sensor can
swiftly sense smoldering fires, but yet can sense the
smallest particles of combustion, providing a faster
response to flaming fires.
The early warning capability of the ASD-LS is comparable
to that of Aspiration Technology, while unlike Aspirating
Systems, the ASD-LS can pin-point the location of the fire.
The sensor is continually monitored to measure any
change in its sensitivity due to the environment (dirt, tem-
perature, transient smoke, humidity, etc.). Patented algo-
rithms distinguish between particles of dust and smoke.
The focused beam of the laser light source minimizes
reflection from accumulated dust in the optical chamber,
effectively minimizing problems caused by dust build-up.
The software performs its own independent analysis of the
sensor signal. This analysis includes dust spike rejection,
drift compensation, smoothing, multi-sensor, pre-alarm
decision and alarm decision. In the event of spikes in the
signal, the sensor will check the output of adjacent sen-
sors for any appreciable signal to determine if the spike is
caused by a fast flaming fire.
The sensor is a plug-in construction and is directly inter-
changeable in the same base with the Gamewell-FCI,
ASD/ATD/Acclimate Series low-profile sensors. A wide
variety of bases, with sounder, relay, etc. is available. The
Remote LED annunciator capability is also available as an
optional accessory.
The ASD-LS sensor is Listed for use inside ducts up to a
velocity of 4,000 FPM.
An optional isolator base, Model B224BI, is also available.
Installation of two of these isolator bases allows Style 7
operation for sensors located electrically between the
bases.
Velociti® is a registered trademark of Honeywell International Inc.
Features
•
Compatible with Gamewell-FCI Analog Addressable
Control Panels.
•
Operates in the Velociti® or CLIP mode.
•
High Sensitivity for both smoldering and fast flaming
fires.
•
Includes patented algorithms that ignore transient
smoke and dust particles.
•
Provides low profile construction and an easy plug-in of
the head to base.
•
Offers the following built-in features:
- Signal processing
- Tamper-resistant
- Test switch
•
Supports a remote test feature (originating from the
panel).
•
360° view angle of dual alarm LEDs.
•
Optional bases for auxiliary functions.
•
Maximum air velocity 4,000 FPM.
ASD-LS


Similar Part No. - B210LP

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
B210LP SYSTEMSENSOR-B210LP Datasheet
567Kb / 2P
Low-Profile Intelligent Combination Smoke Detector
B210LP SYSTEMSENSOR-B210LP Datasheet
492Kb / 2P
Intelligent Low Profile Plug-in Detectors
logo
Gamewell-FCI by Honeywe...
B210LP GAMEWELL-FCI-B210LP Datasheet
63Kb / 2P
Single-Ended Reflected Type Beam Smoke Sensor
B210LP GAMEWELL-FCI-B210LP Datasheet
64Kb / 2P
Advanced Multi-Criteria Detector with Four Unique Sensing Elements
logo
Systemsensor advanced i...
B210LP SYSTEMSENSOR-B210LP Datasheet
198Kb / 2P
200 Series Intelligent Low-Profile Plug-In Detectors
More results

Similar Description - B210LP

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ASD-PL2F GAMEWELL-FCI-ASD-PL2F Datasheet
197Kb / 2P
Analog, addressable photoelectronic smoke sensor
ASD-IL2F GAMEWELL-FCI-ASD-IL2F Datasheet
146Kb / 2P
Analog, Addressable loniation Smoke Sensor
ADPF GAMEWELL-FCI-ADPF Datasheet
326Kb / 2P
Analog addressable low-flow photoelec-tronic non-relay duct smoke sensor
XP95-ID GAMEWELL-FCI-XP95-ID Datasheet
253Kb / 2P
Analog Addressable Duct Smoke Detectors
XP95-T GAMEWELL-FCI-XP95-T Datasheet
136Kb / 2P
Analog Addressable Thermal Sensor
XP95-DM GAMEWELL-FCI-XP95-DM Datasheet
150Kb / 2P
Analog Addressable Discovery Multi-Sensor
SS-L GAMEWELL-FCI-SS-L Datasheet
233Kb / 4P
Laser Smoke Detector
SS-APT GAMEWELL-FCI-SS-APT Datasheet
100Kb / 2P
Multi-Sensor Smoke Detector Low-Profile, Intelligent, Addressable
SS-F GAMEWELL-FCI-SS-F Datasheet
191Kb / 2P
Filtrex Hostile Area Smoke Head Analog Addressable Detector with SmartScan
ASD-PL2F GAMEWELL-FCI-ASD-PL2F_13 Datasheet
53Kb / 2P
Analog, Addressable Photoelectronic Smoke Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com