Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD-PL2F Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # ASD-PL2F
Description  Analog, Addressable Photoelectronic Smoke Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

ASD-PL2F Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  ASD-PL2F_13 Datasheet HTML 1Page - Gamewell-FCI by Honeywell ASD-PL2F_13 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1653 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2013 by Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
9020-0617 Rev. J page 1 of 2
Velociti® Series
ASD-PL2F, ASD-PTL2F
and ASD-PL2FR
Analog, Addressable Photoelectronic
Smoke Sensor
APPROVED
FM
3023594
SIGNALING
7272-1703:0121
S1913
MEA
Approved
FDNY
COA #:219-02-E
Vol.VI
Description
The Gamewell-FCI Velociti® Series, analog address-
able plug-in smoke sensors with integral communica-
tion provide features that surpass conventional
sensors. Sensitivity can be programmed in the con-
trol panel software, and is continuously monitored
and reported to the panel. Point ID capability allows
each sensor’s address to be set, providing exact
locations for selective maintenance when the cham-
ber contamination reaches an unacceptable level.
The ASD-PL2F photoelectric sensor’s unique optical
sensing chamber is engineered to sense smoke pro-
duced by a wide range of combustion sources. Dual
electronic thermistors add 135°F (57°C) fixed-tem-
perature thermal sensing on the ASD-PTL2F model.
The Velociti® Series use a communication protocol
that substantially increases the speed of communica-
tion between the sensors and certain Gamewell-FCI
analog addressable fire alarm controls. These
devices operate in a grouped fashion. If one of the
devices in the group has a status change, the panel’s
microprocessor stops the group poll and concen-
trates on the single device. The net effect is a
response speed up to five times greater than earlier
designs.
Velociti® is a registered trademark of Honeywell International Inc.
UL® is a registered trademark of Underwriters Laboratories Inc.
Ordering Information
Part Number Description
ASD-PL2F
Analog, addressable photoelectronic
smoke sensor
ASD-PTL2F Analog, addressable photoelectronic smoke
sensor with thermal sensing
ASD-PL2FR Analog, addressable photoelectronic smoke
sensor used with the DNR duct base when
the remote test is required.
Features
•
Sleek, low-profile design.
•
Visual rotary, decimal switch addressing (01-159).
•
Built-in functional test switch activated by an external
magnet.
•
Bicolor LEDs flash green whenever the sensor is
addressed, and light steady red on alarm.*
•
Optional relay, isolator, or sounder bases.
•
Low standby current.
•
Analog addressable communication.
•
Stable communication technique with noise immunity.
•
Optional remote, single-gang LED Indicator (RA100Z).
•
Compatible with Gamewell-FCI analog addressable
panels.
Note: *Only the red LED is operative in panels that do not operate
in Velociti
® mode.
ASD-PL2FR
ASD-PL2F/ASD-PTL2F


Similar Part No. - ASD-PL2F_13

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ASD-PL2F GAMEWELL-FCI-ASD-PL2F Datasheet
197Kb / 2P
Analog, addressable photoelectronic smoke sensor
More results

Similar Description - ASD-PL2F_13

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
400SERIES SYSTEMSENSOR-400SERIES Datasheet
288Kb / 4P
Direct-Wire Photoelectronic Smoke Detector
300SERIES SYSTEMSENSOR-300SERIES Datasheet
487Kb / 4P
Photoelectronic Smoke Detector
2100 SYSTEMSENSOR-2100 Datasheet
239Kb / 4P
Photoelectronic Smoke Detectors
2100D SYSTEMSENSOR-2100D Datasheet
209Kb / 4P
Photoelectronic Smoke Detectors
2112 SYSTEMSENSOR-2112 Datasheet
85Kb / 4P
Photoelectronic Smoke Detectors
logo
Gamewell-FCI by Honeywe...
ASD-PL2F GAMEWELL-FCI-ASD-PL2F Datasheet
197Kb / 2P
Analog, addressable photoelectronic smoke sensor
ASD-IL2F GAMEWELL-FCI-ASD-IL2F Datasheet
146Kb / 2P
Analog, Addressable loniation Smoke Sensor
ADPF GAMEWELL-FCI-ADPF Datasheet
326Kb / 2P
Analog addressable low-flow photoelec-tronic non-relay duct smoke sensor
XP95-ID GAMEWELL-FCI-XP95-ID Datasheet
253Kb / 2P
Analog Addressable Duct Smoke Detectors
ASD-LS GAMEWELL-FCI-ASD-LS_15 Datasheet
73Kb / 2P
Analog Addressable Laser Smoke Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com