Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD-PL2F Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # ASD-PL2F
Description  Analog, Addressable Photoelectronic Smoke Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

ASD-PL2F Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  ASD-PL2F Datasheet HTML 1Page - Gamewell-FCI by Honeywell ASD-PL2F Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1653 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9020-0617 Rev. J page 2 of 2
www.gamewell-fci.com
Installation
ASD-PL2F plug-in sensors use a separate base to
simplify installation, service, and maintenance. A
special tool allows maintenance personnel to plug-in
and remove sensors without using a ladder.
Mount the base on a box which is at least 1.5" (3.8 cm)
deep. Suitable mounting base boxes include:
•4.0"
(10.2 cm) square box.
•3.5"
(8.9 cm) or 4.0" (10.2 cm) octagonal box.
•
Single-gang box (except relay or isolator bases).
•
With B200S or B200SR base, mounted on a 4.0"
(10.2 cm) octagonal or square box.
•
With B224RB or B224BI base, mounted on a 3.5"
(8.9 cm) octagonal box, or a 4.0" (10.2 cm) octagonal or
square box.
NOTE: Because of the inherent supervision provided
by the SLC, end-of-line resistors are not required.
Wiring “T-taps” or branches are permitted for Style 4
(Class “B”) wiring.
Sensor Spacing
Gamewell-FCI recommends that the spacing sensors
be used in compliance with NFPA 72.
Specifications
ASD-PL2F, ASD-PTL2F, ASD-PL2FR:
Dimensions:
2.1”
(5.1 cm) height
Diameter:
4.1”
(10.4 cm) installed in the B501 base
6.1”
(15.5 cm) installed in the B210LP base
Shipping Weight: 5.2 oz. (147 g)
Operating
Temperature:
ASD-PL2F:
32° F to 120° F (0° C to 49° C)
ASD-PTL2F:
32° F to 100° F (0° C to 38° C)
UL®-Listed
Velocity Range:
0-4000 ft./min. (1,219.2 m/min.),
suitable for installation in ducts.
Relative
Humidity:
10-93% (non-condensing)
Thermal Ratings: Fixed-temperature setpoint
135° F (57° C)
Electrical Specifications
Voltage Range:
15 – 32 volts DC peak
Standby Current: (max. avg.): .0003 A @ 24 VDC
(One communication every 5
seconds with LED blink enabled).
Maximum Alarm-
Current:
.0065 A @ 24 VDC (LED) lit).
Bases and Options
B501
Plug-in sensor base without flange
Dimensions:
4.1”
(10.4 cm) diameter
B210LP
Flanged mounting base
Dimensions:
6.1”
(15.5 cm) diameter
B210LPBP
Flanged mounting base bulk pack
Dimensions:
6.1”
(15.5 cm) diameter
B224RB
Relay Base
Plug-in sensor base with auxiliary
relay, SPDT, rated 2 amps @ 30 VDC
(resistive).
Screw terminals:
Up to 14 AWG (2.0 mm2)
2 coil latching relay 1 Form C contact
UL/CSA Rating:
0.9 A @ 125 VAC, inductive
0.9 A @ 110 VDC, inductive
3 A @ 30 VDC, resistive
Dimensions:
6.1”
(15.5 cm) diameter
Maximum: 25 devices between
isolator bases.
B200S
Intelligent sensor sounder base
Dimensions:
6.875”
(17.5 cm) diameter
B200SR
Standard sounder base, UL 8649th
Edition compliant, ULC Listed
Dimensions:
6.875”
(17.5 cm) diameter
RA100Z
Remote LED Annunciator
BCK-200
Black detector covers (box of 10)
DNR
Duct smoke housing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com