Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98501 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM98501
Description  10-Bit, 27 MSPS Camera Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM98501 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM98501 Datasheet HTML 9Page - National Semiconductor (TI) LM98501 Datasheet HTML 10Page - National Semiconductor (TI) LM98501 Datasheet HTML 11Page - National Semiconductor (TI) LM98501 Datasheet HTML 12Page - National Semiconductor (TI) LM98501 Datasheet HTML 13Page - National Semiconductor (TI) LM98501 Datasheet HTML 14Page - National Semiconductor (TI) LM98501 Datasheet HTML 15Page - National Semiconductor (TI) LM98501 Datasheet HTML 16Page - National Semiconductor (TI) LM98501 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Digital Output Timing
System Timing
System Overview
INTRODUCTION
The LM98501 is a 10-bit, complete analog-to-digital camera
signal processor for use with CCD imager systems operating
from a single +3V supply. The internal processing is carefully
optimized to maintain the signal-to-noise ratio and excellent
dynamic performance of most popular CCD imagers. The
system block diagram of the LM98501, shown on the cover
page of the datasheet, highlights the main features of the de-
vice: correlated double sampling (CDS), 0 dB–32 dB digitally
programmable gain amplifier (PGA), digital black level cor-
rection feedback loop, 8-bit DAC, analog clamp, bandgap
voltage reference, and a 10-bit, 27 MHz analog-to-digital
converter.
CORRELATED DOUBLE SAMPLING
Correlated double sampling (CDS) is a key feature in CCD
image processors. The sampling process consists of two
samples being taken for each pixel. The first stores the reset
voltage of the input pixel, and the second stores the video
signal amplitude. The two samples are subtracted from one
another, effectively removing the reset error offset of each
pixel. This sampling system operates at 27 MHz, allowing
the use of imagers that have resolution at high speeds. Op-
eration at these higher clock rates generates electronic im-
ages similar to a high-speed camera, preventing blearing of
the image caused by motion during the exposure.
DS101292-8
FIGURE 7. Digital Output Data Timing
DS101292-9
FIGURE 8. System Timing
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com