Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFS40 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NFS40
Description  Single and triple output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NFS40 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NFS40 Datasheet HTML 1Page - List of Unclassifed Manufacturers NFS40 Datasheet HTML 2Page - List of Unclassifed Manufacturers NFS40 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GENERAL SPECIFICATIONS
Hold-up time
110VAC, 40 Watts
14ms
230VAC, 40 Watts
110ms
Efficiency
70% typical
Isolation voltage
Input/output
3000VAC
Input/chassis
1500VAC
Switching frequency
NFS
Variable
NFN
Fixed, 45kHz ±5kHz
Approvals and
VDE0805, EN60950
standards
IEC950, IEC1010, UL1950
(See Note 13)
CSA C22.2 No. 950
Weight
280g (9.88oz)
MTBF (See Note 9)
MIL-HDBK-217E
170,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating
0°C to +70°C
(See Notes 8, 10)
Non-operating
–40°C to +85°C
50°C ambient temp.,
40W
Convection cooled
Forced air cooling
50W @ 20CFM
50°C to 70°C ambient
Derate linearly
to 50% load
Peak (60 seconds)
60W
Relative humidity
Non-condensing
5% to 80% RH
Altitude
Operating
10,000 feet max.
Non-operating
40,000 feet max.
Vibration (See Note 11)
5Hz to 500Hz,
2.4G rms peak
NFS40 and NFN40 SERIES
Single and triple output
[ 2 YEAR WARRANTY ]
• 5.0 x 3.0 x 1.2 inch package (1U applications)
• Industry standard package
• Overvoltage and short circuit protection
• 40W with free air convection
• Fixed frequency operation (NFN Series)
• NFS40: EN55022, EN55011 conducted emissions level A
• NFN40: EN55022, EN55011 conducted emissions level B
• UL, VDE and CSA safety approvals
The NFS40 and NFN40 are industry standard 40 Watt power supplies with the
capability to supply 50W in a forced air ambient and to automatically operate
from any voltage between 85VAC and 264VAC. Use of MOSFET based
switching circuits allows for enhanced features such as output regulation down
to zero load (NFN40). Universal input voltage eliminates the need to change
jumpers or switch settings to cater for different or widely varying line voltages.
In addition to the input voltage range, VDE, UL, CSA, EN60950 and IEC950
approvals make the NFS40 and NFN40 ideal for use in equipment installed
throughout the world. The fixed frequency operation of the NFN40 further
reduces emissions below VDE class B and significantly reduces leakage current.
These low profile switchers with high power density are intended for use in
small, digital systems.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 24
OUTPUT SPECIFICATIONS
Output voltage
+5V output on triples
±5.0%
adjustability
Vout on singles
±5.0%
Line regulation
Main output
±0.2%
LL to HL, FL
Auxiliary outputs
±1.0%
Total regulation
Main output
±2.0%
FL to NL
Auxiliary outputs
±5.0%
Transient response
+5V (1.5A to 3A)
±120mV max. dev.
500µs recovery
Temperature coefficient All outputs
±0.02%/°C
Overvoltage protection
+5V output
125% ±15% Vout
Output power limit
Primary power limited
90W input
power limit
Short circuit protection
Single outputs
Continuous
Multiple outputs
Short term
INPUT SPECIFICATIONS
Input voltage range
Universal input
85 to 264VAC
120 to 370VDC
Input frequency range
47 to 440Hz
Max. input surge
132VAC, cold start
12A max.
current
264VAC, cold start
24A max.
Safety ground
NFS: 110VAC, 60Hz
0.13mA max.
leakage current
230VAC, 50Hz
0.32mA max.
NFN: 132VAC, 60Hz
155µA max.
240VAC, 50Hz
261µA max.
EMC CHARACTERISTICS
Conducted emissions
EN55022 (NFS), FCC part 15
Level A
Conducted emissions
EN55022 (NFN), FCC part 15
Level B
Radiated emissions
EN55022 (NFS and NFN)
Level A
ESD air
EN61000-4-2, level 3
Perf. criteria 1
ESD contact
EN61000-4-2, level 4
Perf. criteria 1
Surge
EN61000-4-5, level 3
Perf. criteria 1
Fast transients
EN61000-4-4, level 3
Perf. criteria 1
Radiated immunity
EN61000-4-3, level 3
Perf. criteria 2
Conducted immunity
EN61000-4-6, level 3
Perf. criteria 2


Similar Part No. - NFS40

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NFS40 EMERSON-NETWORKPOWER-NFS40 Datasheet
249Kb / 4P
40 W universal input ac-dc power supply
NFS40 EMERSON-NETWORKPOWER-NFS40 Datasheet
465Kb / 4P
40 W universal input ac-dc power supply
NFS40-7605J EMERSON-NETWORKPOWER-NFS40-7605J Datasheet
1Mb / 4P
5.0 x 3.0 x 1.2 inch package
logo
Artesyn Technologies
NFS40-7605J ARTESYN-NFS40-7605J Datasheet
461Kb / 4P
SIngle and triple output 40 - 50W
NFS40-7607 ARTESYN-NFS40-7607 Datasheet
461Kb / 4P
SIngle and triple output
More results

Similar Description - NFS40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEC40 ETC-FEC40 Datasheet
148Kb / 2P
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT
logo
Artesyn Technologies
CL40 ARTESYN-CL40 Datasheet
49Kb / 2P
Single and triple output
NAL25-7608 ARTESYN-NAL25-7608 Datasheet
70Kb / 2P
Single, dual and triple output
NLP150H ARTESYN-NLP150H Datasheet
119Kb / 4P
Single, dual, triple and quad output
NLP65-7608J ARTESYN-NLP65-7608J Datasheet
614Kb / 5P
Single, Dual and Triple Output
NLP40-76T366J ARTESYN-NLP40-76T366J Datasheet
607Kb / 5P
Single, Dual and Triple Output
NFS40-7608J ARTESYN-NFS40-7608J Datasheet
461Kb / 4P
SIngle and triple output 40 - 50W
NFS40-7607 ARTESYN-NFS40-7607 Datasheet
461Kb / 4P
SIngle and triple output
NLP65-9605GJ ARTESYN-NLP65-9605GJ Datasheet
614Kb / 5P
Single, Dual and Triple Output
logo
Renesas Technology Corp
ISL6455 RENESAS-ISL6455 Datasheet
663Kb / 13P
Triple Output Regulator with Single Synchronous Buck and Dual LDO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com