Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU1-034 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # LU1-034
Description  Cable assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

LU1-034 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  LU1-034 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG LU1-034 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
Cable assembly
RPC-2.40 Jack / RPC-2.92 Plug – RTK 106 - VA Armour
LU1-034-XXX
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 2
Electrical data
Impedance
50
Ω
Frequency
DC to 40 GHz
Return loss
1
≥ 26 dB, DC to 4 GHz
≥ 17 dB, 4 GHz to 40 GHz
Insertion loss
1
see table available variants
Phase deviation:
After 90° bending
≤ 1.3°, DC to 4 GHz
≤ 6.0 °, 4 GHz to 40 GHz
Straight after 3x90° bending
≤ 1.0°, DC to 4 GHz
≤ 4.0°, 4 GHz to 40 GHz
Amplitude stability
≤ 0.03 dB, DC to 4 GHz
≤ 0.08 dB, 4 GHz to 40 GHz
Return loss stability
≥ 45 dB, DC to 4 GHz
≥ 35 dB, 4 GHz to 40 GHz
RF-leakage
≥ 100 dB up to 1 GHz
Individual testing and documentation:
Phase deviation, Amplitude stability and Return Loss stability is testes according to the specification.
Measurement plot with all 4 S-Parameters (S11; S22; S21; S12) is included with the cable assembly and on
the backside the care and handling instruction is printed. Measurement adaptors used are mentioned in the
commentary field.
1 Return Loss and Insertion Loss includes the measurement adaptor
Mechanical data
Minimum bend radius:
60 mm
Environmental data
Temperature range
-40°C to +85°C
RoHS
compliant
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
F. Reiner
30.05.16
M. Moder
08.06.16
k00
16-0803
K. Mitterer
08.06.16
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com