Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM8530 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM8530
Description  14V, 10nV/?숰z, 300關A/ch, Rail-to-Rail Input/Output Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM8530 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM8530 Datasheet HTML 3Page - New Japan Radio NJM8530 Datasheet HTML 4Page - New Japan Radio NJM8530 Datasheet HTML 5Page - New Japan Radio NJM8530 Datasheet HTML 6Page - New Japan Radio NJM8530 Datasheet HTML 7Page - New Japan Radio NJM8530 Datasheet HTML 8Page - New Japan Radio NJM8530 Datasheet HTML 9Page - New Japan Radio NJM8530 Datasheet HTML 10Page - New Japan Radio NJM8530 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NJM8530/NJM8532/NJM8534
Ver.03
[
7]
■ TYPICAL CHARACTERISTICS (V-=0V, Ta=25°C, unless otherwise noted.)
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
-1
14
Common-Mode Input Voltage [V]
Input Offset Voltage
vs. Common-Mode Input Voltage
V+=14V
Ta=-40ºC
Ta=25ºC
Ta=125ºC
0
2
4
6
8
10
12
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
-1
0
1
2
3
4
5
6
Common-Mode Input Voltage [V]
Input Offset Voltage
vs. Common-Mode Input Voltage
V+=5V
Ta=-40ºC
Ta=25ºC
Ta=125ºC
0%
5%
10%
15%
20%
25%
30%
35%
-2.4 -2.0 -1.6 -1.2 -0.8 -0.4 0.0 0.4 0.8 1.2
Input Offset Voltage [mV]
Input Offset Voltage Distribution
V+=1.8V, VCOM=V+/2, Ta=25ºC
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
-6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 10.0
Input Offset Voltage Drift [μV/ºC]
Input Offset Voltage Drift Distribution
V+=14V, VCOM=V+/2
0%
5%
10%
15%
20%
25%
30%
35%
40%
-6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 10.0
Input Offset Voltage Drift [μV/ºC]
Input Offset Voltage Drift Distribution
V+=1.8V, VCOM=V+/2
0%
5%
10%
15%
20%
25%
30%
35%
40%
-6.0 -4.0 -2.0 0.0 2.0 4.0 6.0 8.0 10.0
Input Offset Voltage Drift [μV/ºC]
Input Offset Voltage Drift Distribution
V+=5V, VCOM=V+/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com