Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7265BCP Datasheet(PDF) 12 Page - Analog Devices

Part # AD7265BCP
Description  Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7265BCP Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7265BCP Datasheet HTML 8Page - Analog Devices AD7265BCP Datasheet HTML 9Page - Analog Devices AD7265BCP Datasheet HTML 10Page - Analog Devices AD7265BCP Datasheet HTML 11Page - Analog Devices AD7265BCP Datasheet HTML 12Page - Analog Devices AD7265BCP Datasheet HTML 13Page - Analog Devices AD7265BCP Datasheet HTML 14Page - Analog Devices AD7265BCP Datasheet HTML 15Page - Analog Devices AD7265BCP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD7265
Preliminary Technical Data
TRANSFER FUNCTIONS
The designed code transitions occur at successive integer LSB
values (i.e., 1 LSB, 2 LSB, and so on). The LSB size is VREF/4096.
The ideal transfer characteristic for the AD7265 when straight
binary coding is output is shown in Figure 6, and the ideal
transfer characteristic for the AD7265 when twos complement
coding is output is shown in Figure 7.
000...000
111...111
1LSB = VREF/4096
1LSB
VREF – 1LSB
ANALOG INPUT
0V
000...001
000...010
111...110
111...000
011...111
Figure 6. Straight Binary Transfer Characteristic
100...000
011...111
1LSB = 2
× VREF/4096
+VREF – 1 LSB
–VREF + 1LSB VREF – 1LSB
ANALOG INPUT
100...001
100...010
011...110
000...001
000...000
111...111
Figure 7. Twos Complement Transfer Characteristic with VREF ±VREF Input
Range
DIGITAL INPUTS
The digital inputs applied to the AD7265 are not limited by the
maximum ratings that limit the analog inputs. Instead, the
digital inputs applied can go to 7 V and are not restricted by the
VDD + 0.3 V limit as on the analog inputs. See the Absolute
Maximum Ratings. Another advantage of SCLK, RANGE,
A0–A2, and CS not being restricted by the VDD + 0.3 V limit is
that power supply sequencing issues are avoided. If one of these
digital inputs is applied before VDD, there is no risk of latch-up,
as there would be on the analog inputs if a signal greater than
0.3 V were applied prior to VDD.
VDRIVE
The AD7265 also has the VDRIVE feature, which controls the
voltage at which the serial interface operates. VDRIVE allows the
ADC to easily interface to both 3 V and 5 V processors. For
example, if the AD7265 was operated with a VDD of 5 V, the
VDRIVE pin could be powered from a 3 V supply, allowing a large
dynamic range with low voltage digital processors. For example,
the AD7265 could be used with the 2 × VREF input range, with a
VDD of 5 V while still being able to interface to 3 V digital parts.
Rev. PrA | Page 12 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com