Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7265ASU Datasheet(PDF) 15 Page - Analog Devices

Part # AD7265ASU
Description  Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7265ASU Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7265ASU Datasheet HTML 8Page - Analog Devices AD7265ASU Datasheet HTML 9Page - Analog Devices AD7265ASU Datasheet HTML 10Page - Analog Devices AD7265ASU Datasheet HTML 11Page - Analog Devices AD7265ASU Datasheet HTML 12Page - Analog Devices AD7265ASU Datasheet HTML 13Page - Analog Devices AD7265ASU Datasheet HTML 14Page - Analog Devices AD7265ASU Datasheet HTML 15Page - Analog Devices AD7265ASU Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Preliminary Technical Data
AD7265
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-2
0.30
0.23
0.18
0.20 REF
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
12° MAX
1.00
0.85
0.80
SEATING
PLANE
COPLANARITY
0.08
1
32
8
9
25
24
16
17
BOTTOM
VIEW
0.50
0.40
0.30
3.50 REF
0.50
BSC
3.25
3.10 SQ
2.95
0.60 MAX
0.60 MAX
0.25 MIN
TOP
VIEW
PIN 1
INDICATOR
PIN 1
INDICATOR
5.00
BSC SQ
4.75
BSC SQ
Figure 11. 32-Lead Frame Chip Scale Package [LFCSP
(CP-32)
Dimensions shown in millimeters
TOP VIEW
(PINS DOWN)
1
24
17
25
32
8
9
16
0.45
0.37
0.30
0.80
BSC
7.00
SQ
9.00 SQ
1.05
1.00
0.95
SEATING
PLANE
1.20
MAX
0.15
0.05
7°
0°
0.75
0.60
0.45
COMPLIANT TO JEDEC STANDARDS MS-026ABA
Figure 12. 32-Lead Thin Flat Quad Package [TQFP]
(SU-32)
Dimensions shown in millimeters
Rev. PrA | Page 15 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com