Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHLL Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # MHLL
Description  Custom size or thickness available upon request
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

MHLL Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  MHLL Datasheet HTML 1Page - Laird Tech Smart Technology MHLL Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Flexible Ferrite Sheets
For NFC & Wireless Charging
MHLL Series
USA: +1.423.308.1690
Europe: +42.0.4885.7511.1
Asia: +86.757.2563.8860
www.lairdtech.com
MCP-DS-MHLL SHEET REV1.2 0814
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application
of Laird Technologies materials rests with the end user. Laird Technologies makes no warranties as to the fitness, merchantability, suitability or non- infringement of any Laird Technologies materials or
products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the Laird
Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2013 Laird Technologies, Inc. All Rights Reserved. Laird, Laird
Technologies, the Laird Technologies Logo, and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the
property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.
FEATURES
Flexible ferrite sheets for
13.56 MHz NFC, RFID application & wireless
charging application
Made by thin, high permeability sintered
ferrite with PET film and adhesive tape
Standard ferrite layer thickness 0.05mm,0.1mm
and 0.2mm
Custom size or thickness available upon request
Operating temperature -40℃ to 85℃
RoHS compliant
APPLICATIONS
NFC antenna for mobile phones
NFC antenna for automobile
NFC or RFID antenna for security & access
control system
Wireless charging for mobile phones
and battery powered handheld
electronic devices
NFC or RFID read/write devices, improved
read distance
EMI suppression for IC or IC circuitry
SHAPES AND DIMENSIONS
PART
NUMBER
A mm
(inches)
B mm
(inches)
C mm
(inches)
D mm MAX
(inches)
MHLL5040-000
50
(1.969)
40
(1.575)
0.20
(0.008)
0.35
(0.014)
MHLL5040-200
50
(1.969)
40
(1.575)
0.10
(0.004)
0.20
(0.008)
MHLL6060-300
60
(2.362)
60
(2.362)
0.05
(0.002)
0.09
(0.004)
MHLL12060-000
120
(4.724)
60
(2.362)
0.20
(0.008)
0.35
(0.014)
MHLL12060-200
120
(4.724)
60
(2.362)
0.10
(0.004)
0.20
(0.008)
PART NUMBER SYSTEM EXAMPLE
MHLL
12060
-
000
Material Code Part Size Code
Thickness Code
Catalog or Custom Information


Similar Part No. - MHLL

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
MHLL12060-000 LSTD-MHLL12060-000 Datasheet
1Mb / 38P
Ferrite EMI Cable Cores
2017
MHLL12060-200 LSTD-MHLL12060-200 Datasheet
1Mb / 38P
Ferrite EMI Cable Cores
2017
MHLL5040-000 LSTD-MHLL5040-000 Datasheet
177Kb / 1P
this print is the property of laird tech
MHLL5040-000 LSTD-MHLL5040-000 Datasheet
1Mb / 38P
Ferrite EMI Cable Cores
2017
MHLL5040-200 LSTD-MHLL5040-200 Datasheet
1Mb / 38P
Ferrite EMI Cable Cores
2017
More results

Similar Description - MHLL

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HMC10A JLWORLD-HMC10A Datasheet
48Kb / 1P
Different sensitivity level is available upon request
HMO06A JLWORLD-HMO06A Datasheet
800Kb / 1P
Different sensitivity level is available upon request
HMO06B JLWORLD-HMO06B Datasheet
1Mb / 1P
Different sensitivity level is available upon request
SDMO03A JLWORLD-SDMO03A Datasheet
689Kb / 1P
Different sensitivity level is available upon request
SDMO07A JLWORLD-SDMO07A Datasheet
704Kb / 1P
Different sensitivity level is available upon request
SDMO07C JLWORLD-SDMO07C Datasheet
587Kb / 1P
Different sensitivity level is available upon request
SMO01A JLWORLD-SMO01A Datasheet
260Kb / 1P
Different sensitivity level is available upon request
SMO03A JLWORLD-SMO03A Datasheet
447Kb / 1P
Different sensitivity level is available upon request
logo
Laird Tech Smart Techno...
MULL LSTD-MULL Datasheet
474Kb / 2P
Custom size or thickness available upon request
MSLL LSTD-MSLL Datasheet
466Kb / 2P
Custom size or thickness available upon request
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com