Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9536DP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9536DP
Description  4-bit I2C and SMBus I/O port
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9536DP Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9536DP Datasheet HTML 1Page - NXP Semiconductors PCA9536DP Datasheet HTML 2Page - NXP Semiconductors PCA9536DP Datasheet HTML 3Page - NXP Semiconductors PCA9536DP Datasheet HTML 4Page - NXP Semiconductors PCA9536DP Datasheet HTML 5Page - NXP Semiconductors PCA9536DP Datasheet HTML 6Page - NXP Semiconductors PCA9536DP Datasheet HTML 7Page - NXP Semiconductors PCA9536DP Datasheet HTML 8Page - NXP Semiconductors PCA9536DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
Objective data sheet
PCA9536
4-bit I2C and SMBus I/O port
2
2004 Aug 20
FEATURES
• 4-bit I2C GPIO
• Operating power supply voltage range of 2.3 to 5.5 V
• 5 V tolerant I/Os
• Polarity inversion register
• Active low interrupt output
• Low stand-by current
• Noise filter on SCL/SDA inputs
• No glitch on power-up
• Internal power-on reset
• 4 I/O pins which default to 4 inputs with 100 kΩ internal pull-up
resistor
• 0 to 400 kHz clock frequency
• ESD protection exceeds 2000 V HBM per JESD22-A114,
200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
• Latch-up testing is done to JESDEC Standard JESD78 which
exceeds 100 mA
• Two packages offered: SO8 and TSSOP8
DESCRIPTION
The PCA9536 is 8-pin CMOS devices that provides 4 bits of
General Purpose parallel Input/Output (GPIO) expansion for
I2C/SMBus applications and were developed to enhance the Philips
family of I
@C I/O expanders. I/O expanders provides a simple
solution when additional I/O is needed for ACPI power switches,
sensors, pushbuttons, LEDs, fans, etc.
The PCA9536 consists of a 4-bit Configuration register (Input or
Output selection); 4-bit Input register, 4-bit Output register and an
4-bit Polarity inversion register (Active-HIGH or Active-LOW
operation). The system master can enable the I/Os as either inputs
or outputs by writing to the I/O configuration bits. The data for each
Input or Output is kept in the corresponding Input or Output register.
The polarity of the read register can be inverted with the Polarity
Inversion Register. All registers can be read by the system master.
The power-on reset sets the registers to their default values and
initializes the device state machine.
The I2C address is fixed and allows only one device on the same
I2C/SMBus.
ORDERING INFORMATION
PACKAGES
TEMPERATURE
RANGE
ORDER CODE
TOPSIDE MARK
DRAWING NUMBER
8-Pin Plastic SO (wide)
–40
°C to +85 °C
PCA9536D
PCA9536
SOT96-1
8-Pin Plastic TSSOP
–40
°C to +85 °C
PCA9536DP
9536
SOT505-1
Standard packing quantities and other packaging data are available at www.philipslogic.com/packaging.
I2C is a trademark of Philips Semiconductors Corporation.
SMBus as specified by the Smart Battery System Implementers Forum is a derivative of the Philips I2C patent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com