Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV800B-100 Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM29LV800B-100
Description  8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV800B-100 Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM29LV800B-100 Datasheet HTML 17Page - Advanced Micro Devices AM29LV800B-100 Datasheet HTML 18Page - Advanced Micro Devices AM29LV800B-100 Datasheet HTML 19Page - Advanced Micro Devices AM29LV800B-100 Datasheet HTML 20Page - Advanced Micro Devices AM29LV800B-100 Datasheet HTML 21Page - Advanced Micro Devices AM29LV800B-100 Datasheet HTML 22Page - Advanced Micro Devices AM29LV800B-100 Datasheet HTML 23Page - Advanced Micro Devices AM29LV800B-100 Datasheet HTML 24Page - Advanced Micro Devices AM29LV800B-100 Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Am29LV800T/Am29LV800B
21
PRELIMINARY
RESET: Hardware Reset Pin
The RESET pin is an active low signal. A logic ‘0’ on this
pin will force the device out of any mode that is currently
executing back to the reset state. This allows a system
reset to take effect immediately without having to wait for
the device to finish a long execution cycle. To avoid a po-
tential bus contention during a system reset, the device
is isolated from the data I/O bus by tri-stating the data
output pins for the duration of the RESET pulse.
If RESET is asserted during a program or erase oper-
ation, the RY/BY pin will remain low until the reset op-
eration is internally complete. This will require between
1
µs and 20 µs. Hence the RY/BY pin can be used to
signal that the reset operation is complete. Otherwise,
allow for the maximum reset time of 20
µs. If RESET is
asserted when a program or erase operation is not ex-
ecuting (RY/BY pin is high), the reset operation will be
complete within 500 ns.
Asserting RESET during a program or erase operation
leaves erroneous data stored in the address locations
being operated on at the time of device reset. These lo-
cations need updating after the reset operation is com-
plete. See Figure 4 for timing specifications.
The device enters ICC4 standby mode (200 nA) when
VSS ± 0.3 V is applied to the RESET pin.The device can
enter this mode at any time, regardless of the logical
condition of the CE pin. Furthermore, entering ICC4
during a program or erase operation leaves erroneous
data in the address locations being operated on at the
time of the RESET pulse. These locations need updat-
ing after the device resumes standard operations. After
the RESET pin goes high, a minimum latency period of
50 ns must occur before a valid read can take place.
RESET
RY/BY
tRL
20 µs max
20478D-10
Figure 3.
Device Reset During a Program or Erase Operation
0 V
RY/BY
RESET
tRL
20478D-11
Figure 4.
Device Reset During Read Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com