Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM7313 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APM7313
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM7313 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APM7313 Datasheet HTML 1Page - Anpec Electronics Coropration APM7313 Datasheet HTML 2Page - Anpec Electronics Coropration APM7313 Datasheet HTML 3Page - Anpec Electronics Coropration APM7313 Datasheet HTML 4Page - Anpec Electronics Coropration APM7313 Datasheet HTML 5Page - Anpec Electronics Coropration APM7313 Datasheet HTML 6Page - Anpec Electronics Coropration APM7313 Datasheet HTML 7Page - Anpec Electronics Coropration APM7313 Datasheet HTML 8Page - Anpec Electronics Coropration APM7313 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Dual N-Channel Enhancement Mode MOSFET
Copyright
 ANPEC Electronics Corp.
Rev. A.5 - Feb., 2003
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
APM7313
A P M 731 3
H andling C ode
Te m p . R a n g e
P a ck a ge C ode
P a ck age C ode
K : S O -8
O p erating Junction T e m p . R a nge
C : -55 to 150° C
H andling C ode
T U : T u b e
T R : T a p e & R e e l
A P M 7313 K :
A P M 7313
XXX XX
XXX XX - D a te Co d e
Pin Description
Ordering and Marking Information
Features
Applications
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
• 30V/6A , R
DS(ON)=21mΩ(typ.) @ VGS=10V
R
DS(ON)=27mΩ(typ.) @ VGS=4.5V
••••• Super High Dense Cell Design for Extremely
Low R
DS(ON)
••••• Reliable and Rugged
••••• SO-8 Package
• Power Management in Notebook Computer ,
Portable Equipment and Battery Powered
Systems.
1
2
3
45
6
7
8
S1
G1
S2
G2
D2
D2
D1
D1
SO-8
Top View
N-Channel MOSFET
N-Channel MOSFET
Symbol
Parameter
Rating
Unit
V
DSS
Drain-Source Voltage
30
V
GSS
Gate-Source Voltage
±20
V
G1
S1
D1
D1
G2
S2
D2
D2


Similar Part No. - APM7313

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7313K ANPEC-APM7313K Datasheet
176Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
APM7313KC-TR ANPEC-APM7313KC-TR Datasheet
176Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
APM7313KC-TRL ANPEC-APM7313KC-TRL Datasheet
176Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
APM7313KC-TRL VBSEMI-APM7313KC-TRL Datasheet
1Mb / 9P
Dual N-Channel 30-V (D-S) MOSFET
logo
Anpec Electronics Corop...
APM7313KC-TU ANPEC-APM7313KC-TU Datasheet
176Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM7313

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026 Datasheet
256Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTDN8233X6 CYSTEKEC-MTDN8233X6 Datasheet
290Kb / 8P
Dual N -Channel Enhancement Mode MOSFET
MTDN8810T8 CYSTEKEC-MTDN8810T8 Datasheet
423Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026_10 Datasheet
236Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
SPN2622 SYNC-POWER-SPN2622 Datasheet
188Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG1026UV DIODES-DMG1026UV Datasheet
240Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Stanson Technology
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
Dual N Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com