Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCU11005 Datasheet(PDF) 62 Page - Red Lion Controls. Inc

Part # PCU11005
Description  THE PROCESS CONTROL UNIT
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PCU11005 Datasheet(HTML) 62 Page - Red Lion Controls. Inc

Back Button PCU11005 Datasheet HTML 58Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 59Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 60Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 61Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 62Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 63Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 64Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 65Page - Red Lion Controls. Inc PCU11005 Datasheet HTML 66Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 96 page
background image
VALVE POSITION OPTION
The Valve Position option of the PCU directly controls the position of a
valve. The Valve Motor Open and Valve Motor Close outputs independently
activate the valve motor to position the valve for closed loop control. The PCU
is capable of two Valve Position control modes: Position mode, in which valve
position slidewire feedback is used by the controller, and Velocity mode, a
special positioning algorithm in which no slidewire signal is required.
POSITION MODE VALVE CONTROL
In Position mode valve control, the slidewire resistance, representing the
valve position, is measured by the PCU and scaled internally to equal 0% to
100%. The scaled valve position is compared with the output power to
determine if the valve needs to be repositioned. Since the output power and
valve position both range from 0% to 100%, and normally equal each other,
the output power display (%PW) represents valve position. Based on this
information, the valve can be positioned manually from the Manual (USEr)
mode of the controller. The output power can be manually ranged from 0% to
100% to position the valve.
In the event that the valve position feedback and the output power do not
agree, due to a faulty valve motor, binding valve or defective slidewire, a
valve fail alarm occurs, if desired. The valve fail alarm is based on a timer in
which the output power and valve feedback positions must match within a
preset time. A display message of “VALV” occurs in this event. Optionally,
an alarm event output can be programmed to signal the event to other
equipment. Once the alarm triggers, the output power and feedback positions
must match to silence the alarm. Setting the valve fail time parameter to zero
disables this feature and also silences a triggered alarm.
The controller also senses loss of slidewire feedback signal and can
activate the open or close outputs in such an event. See
Input Overdrive
Preset Power (OPFL), page 25, for a description of this operation.
Example:
Steam is used to heat water by passing it through a heat exchanger.
Variations in inlet water temperature, steam pressure, hot water demand,
etc., all contribute to the need for closed loop control. The steam pressure is
controlled by a PCU with Valve Positioner option. A valve positioner with
1,000 ohm slidewire feedback is used. The PCU maintains constant hot
water temperature by controlling the position of the valve. Given the time
constant of the process is 60 seconds, the Valve Update Time (VUdt) of the
controller is set at five seconds to reduce valve activity. Adding Valve
Update Time to the valve motor transit time (20 seconds), the valve fail
time is set at 50 seconds [2 * (20+5)] to alert for a valve fail condition. The
valve position hysteresis is set at 2.0% to allow for valve motor overrun and
backlash, and also to provide a control deadband to reduce valve activity. A
minimum valve position is set to 20% to allow a minimum amount of steam
flow into the heat exchanger. The maximum valve position is set at 100%.
The following data is used to configure the Position mode valve control
parameters of the PCU:
VPS1
20.0
Scale minimum valve position to 20.0%
VPS2
100.0
Scale maximum valve position to 100.0%
VUdt
5
Update valve position, at most, once every 5 seconds
VPdb
2.0
Set valve position deadband to 2.0%
VFAL
50
Set valve fail timer to 50 seconds
-54-
Figure 25, Motorized Valve Positioner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com