Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC272 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC272
Description  CMOS Dual Low Cost Rail to Rail Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC272 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMC272 Datasheet HTML 1Page - National Semiconductor (TI) LMC272 Datasheet HTML 2Page - National Semiconductor (TI) LMC272 Datasheet HTML 3Page - National Semiconductor (TI) LMC272 Datasheet HTML 4Page - National Semiconductor (TI) LMC272 Datasheet HTML 5Page - National Semiconductor (TI) LMC272 Datasheet HTML 6Page - National Semiconductor (TI) LMC272 Datasheet HTML 7Page - National Semiconductor (TI) LMC272 Datasheet HTML 8Page - National Semiconductor (TI) LMC272 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
2 kV
Differential Input Voltage
±Supply Voltages
Voltage at Input/Output Pin
(V
+)+0.3V, (V−)−0.3V
Supply Voltage (V
+ −V−):
16V
Current at Input Pin (Note 10)
±5mA
Current at Output Pin (Note 3)
(Note 7)
±30 mA
Lead Temperature
(soldering, 10 sec.)
260˚C
Storage Temp. Range
−65˚C to +150˚C
Junction Temperature (Note 4)
150˚C
Operating Ratings(Note 1)
Supply Voltage
2.5V
≤ V
S ≤ 15V
Junction Temperature Range
LMC272C
0˚C
≤ T
J ≤ +70˚C
Thermal Resistance (
θ
JA)
N Package, 8-pin Molded DIP
115˚ C/W
M Package, 8-pin Surface Mount
177˚ C/W
MSOP Package
235˚ C/W
2.7V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
CM = VO = V
+/2, R
L to ground, and RL
> 1M
Ω. Boldface limits apply at the temperature extremes
Typ
LMC272C
Symbol
Parameter
Conditions
(Note 5)
Limit
Units
(Note 6)
V
OS
Input Offset Voltage
V
O = 1.4V, RS = 50, VCM = 0V, RL = 10k
1.40
7
mV
9
max
TCV
OS
Temp. Coefficient of
T
A = 0˚C to 70˚C
3.9
µV/˚C
Input Offset Voltage
I
B
Input Bias Current
1
64
pA
max
I
OS
Input Offset Current
0.5
32
pA
max
CMRR
Common Mode
V
CM = −0.2V to 1.2V
77
65
dB
Rejection Ratio
60
min
PSRR
Power Supply
V+ = 2.7V to 5V, V
O = 1.4V
75
65
dB
Rejection Ratio
60
min
V
CM
Input Common-Mode
CMRR
≥ 50 dB
1.7
1.5
V
Voltage Range
1.2
min
−0.3
−0.2
V
−0.2
max
A
V
Large Signal Voltage
V
O = 0.25V to 2.45V, RL = 10k
88
dB
Gain
V
O
Output Swing
R
L = 10 kΩ,VID = 100 mV
2.64
2.55
V
(Note 11)
min
V
ID = −100 mV
0
20
mV
(Note 11)
25
max
I
SC
Output Short Circuit
Sourcing, V
ID = 100 mV
3.7
mA
Current
(Note 11)
Sinking, V
ID = −100 mV
2.5
mA
(Note 11)
I
S
Total Supply Current
1.60
2.5
mA
3.0
max
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com