Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1431DR4SA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AS1431DR4SA
Description  Precision Adjustable Shunt Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS1431DR4SA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AS1431DR4SA Datasheet HTML 1Page - List of Unclassifed Manufacturers AS1431DR4SA Datasheet HTML 2Page - List of Unclassifed Manufacturers AS1431DR4SA Datasheet HTML 3Page - List of Unclassifed Manufacturers AS1431DR4SA Datasheet HTML 4Page - List of Unclassifed Manufacturers AS1431DR4SA Datasheet HTML 5Page - List of Unclassifed Manufacturers AS1431DR4SA Datasheet HTML 6Page - List of Unclassifed Manufacturers AS1431DR4SA Datasheet HTML 7Page - List of Unclassifed Manufacturers AS1431DR4SA Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ASTEC Semiconductor
AS1431
Precision Adjustable Shunt Reference
Electrical Characteristics
Electrical Characteristics are guaranteed over full junction temperature range (Ð55 to 125¡C). Ambient temperature must be derated
based on power dissipation and package thermal characteristics. The conditions are: V
KA = VREF and IK = 10 mA unless otherwise stated.
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Circuit
Reference Voltage
V
REF
T
A = 25¡C
2.490
2.500
2.510
V
1
Over temp.
2.470
2.530
V
1
ÆV
REF with Temp*
TC
0.06
0.16
mV/¡C
1
Ratio of Change in V
REF to
ÆV
REF
ÆV
K = 3 V to 36 V
Ð2
Ð1.1
mV/V
2
Cathode Voltage
Reference Input Current
I
REF
R
1 = 10 k ½; R2 = °
0.7
1.9
µA
2
I
REF Temp Deviation
ÆI
REF
Over temp.
0.4
1.2
µA
2
Min I
K for Regulation
I
K(min)
0.4
1
mA
1
Off State Leakage
I
K(off)
V
REF = 0 V,
0.04
500
nA
3
V
KA = 36 V
Dynamic Output Impedance
Z
KA
f ² 1 kHz
0.15
0.2
½
1
I
K = 1 to 100 mA
*Calculating Average Temperature Coefficient (TC)
0
–10
–20
0.5
5000
0
0
–55 –25
0
25
50
75
100
125
0.06 mV/
°C
0.002%/
°C
24 ppm/
°C
∆V
REF
∆T
Temperature (
°C)
• TC in mV/
°C =
• TC in %/
°C =
∆T
A
∆T
A
X 100
∆V
REF (mV)
V
REF at 25°C
∆V
REF
• TC in ppm/
°C =
∆T
A
X 106
V
REF at 25°C
∆V
REF
Average Temperature Coefficient



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com