Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM8512 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM8512
Description  Precision, JFET Input Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM8512 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM8512 Datasheet HTML 3Page - New Japan Radio NJM8512 Datasheet HTML 4Page - New Japan Radio NJM8512 Datasheet HTML 5Page - New Japan Radio NJM8512 Datasheet HTML 6Page - New Japan Radio NJM8512 Datasheet HTML 7Page - New Japan Radio NJM8512 Datasheet HTML 8Page - New Japan Radio NJM8512 Datasheet HTML 9Page - New Japan Radio NJM8512 Datasheet HTML 10Page - New Japan Radio NJM8512 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NJM8512/NJM8513
- 7 -
Ver.04
Gain/Phase vs. Frequency
V
+/V-=±15V, R
F=100kΩ, RG=1kΩ, RL=2kΩ, Ta=25ºC
-60
-40
-20
0
20
40
60
1k
10k
100k
1M
10M
100M
Frequency [Hz]
-180
-120
-60
0
60
120
180
CL=100pF
CL=1000pF
Gain
Phase
CL=10pF
CL=1000pF
CL=10pF
CL=100pF
Gain/Phase vs. Frequency
V
+/V-=±5V, R
F=100kΩ, RG=1kΩ, RL=2kΩ, Ta=25ºC
-60
-40
-20
0
20
40
60
1k
10k
100k
1M
10M
100M
Frequency [Hz]
-180
-120
-60
0
60
120
180
CL=100pF
CL=1000pF
Gain
Phase
CL=10pF
CL=1000pF
CL=10pF
CL=100pF
Open-loop Gain vs. Temperature
VICM=0V, RL=2kΩ
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
V
+/V-=±15V, V
O=-13.5V to +13.5V
V
+/V-=±5V, V
O=-3V to +3V
Input Bias Current vs. Temperature
VICM=0V
1p
10p
100p
1n
10n
100n
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
V
+/V-=±15V
V
+/V-=±5V
Quiescent Current vs. Supply Voltage
Gv=0dB, VICM=0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
2
4
6
8
10
12
14
16
Supply Voltage V
+/V-[V]
Ta=-40°C
Ta=25°C
Ta=125°C
Quiescent Current vs. Temperature
GV=0dB, VICM=0V
1.0
1.5
2.0
2.5
3.0
3.5
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
V
+/V-=±16V
V
+/V-=±15V
V
+/V-=±5V
V
+/V-=±4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com