Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

59Z066-R00-Y Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59Z066-R00-Y
Description  FAKRA - HF PLASTIC HOUSING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59Z066-R00-Y Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59Z066-R00-Y Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59Z066-R00-Y Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
FAKRA - HF
PLASTIC HOUSING
59Z066-R00-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
2 / 2
Environmental data
Temperature range
-40°C to +105°C
Thermal shock
DIN 72594-2 clause 6.2
Temperature and humidity
DIN 72594-2 clause 6.3
Vibration and mechanical shock
DIN 72594-2 clause 6.1
Dry heat
DIN 72594-2 clause 6.4
2002/95/EC (RoHS)
compliant
Application
Applicable e.g. for following connectors:
59K23B-1xx *; 59K28A-1xx *; 59K28H-1xx*
* xx
-for all available cable variations
Packing
Standard
500 pcs in box; 2500 pcs in reusable container
Weight
0.88 g/pce
Coding
Part Number has to be accomplished by codification
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Denis Oberhöller
31/03/05
Bredbeck
19/07/11
f00
11-0590
M. Pemwieser
19/07/11
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.
Coding
Color
RAL
Part-Number
A
black
sim. 9005
59Z066-R00_A
B
white
sim. 9001
59Z066-R00_B
C
blue
sim. 5005
59Z066-R00_C
D
bordeauxviolet
sim. 4004
59Z066-R00_D
E
green
sim. 6002
59Z066-R00_E
F
brown
sim. 8011
59Z066-R00_F
G
grey
sim. 7031
59Z066-R00_G
H
violet
sim. 4003
59Z066-R00_H
I
beige
sim. 1001
59Z066-R00_I
K
curry
sim. 1027
59Z066-R00_K
Z
waterblue
sim. 5021
59Z066-R00_Z
traffic purple
sim. 4006
secondary lock



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com