Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

59Z066-R00_A Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59Z066-R00_A
Description  FAKRA - HF PLASTIC HOUSING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59Z066-R00_A Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59Z066-R00_A Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59Z066-R00_A Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
FAKRA - HF
PLASTIC HOUSING
59Z066-R00-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Y = Part number has to be accomplished by codification
Interface and coding
According to
DIN 72594-1
Material
Housing
PBT GF20
Secondary Lock
PPE
Mechanical data
Mating cycles
≥ 25
Retention force latch
≥ 110 N
Coding efficiency
≥ 40 N


Similar Part No. - 59Z066-R00_A

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59Z066-000-Y ROSENBERGER-59Z066-000-Y Datasheet
130Kb / 2P
FAKRA - HF PLASTIC HOUSING
59Z066-000_A ROSENBERGER-59Z066-000_A Datasheet
130Kb / 2P
FAKRA - HF PLASTIC HOUSING
59Z066-000_B ROSENBERGER-59Z066-000_B Datasheet
130Kb / 2P
FAKRA - HF PLASTIC HOUSING
59Z066-000_C ROSENBERGER-59Z066-000_C Datasheet
130Kb / 2P
FAKRA - HF PLASTIC HOUSING
59Z066-000_D ROSENBERGER-59Z066-000_D Datasheet
130Kb / 2P
FAKRA - HF PLASTIC HOUSING
More results

Similar Description - 59Z066-R00_A

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59Z026-000-Y ROSENBERGER-59Z026-000-Y Datasheet
330Kb / 2P
FAKRA -HF PLASTIC HOUSING
59Z027-001-Y ROSENBERGER-59Z027-001-Y Datasheet
692Kb / 3P
FAKRA - HF PLASTIC HOUSING
59Z074-000-Y ROSENBERGER-59Z074-000-Y Datasheet
114Kb / 3P
FAKRA-HF PLASTIC HOUSING
59Z006-T00-Y ROSENBERGER-59Z006-T00-Y Datasheet
114Kb / 2P
FAKRA - HF PLASTIC HOUSING
59Z017-000-Y ROSENBERGER-59Z017-000-Y Datasheet
838Kb / 3P
FAKRA-HF PLASTIC HOUSING
59Z113-000-Y ROSENBERGER-59Z113-000-Y Datasheet
493Kb / 3P
FAKRA - HF PLASTIC HOUSING
59Z115-000-Y ROSENBERGER-59Z115-000-Y Datasheet
598Kb / 2P
FAKRA- HF PLASTIC HOUSING
59Z116-000-Y ROSENBERGER-59Z116-000-Y Datasheet
697Kb / 3P
FAKRA - HF PLASTIC HOUSING
59Z119-C01-Y ROSENBERGER-59Z119-C01-Y Datasheet
478Kb / 3P
FAKRA-HF PLASTIC HOUSING
59Z120-C00-Y ROSENBERGER-59Z120-C00-Y Datasheet
245Kb / 3P
FAKRA-HF PLASTIC HOUSING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com