Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B3244LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3B3244LE
Description  3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3244LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3B3244LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3244LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3244LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3244LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3244LE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PI3B3244
3.3V, Hot Insertion
8-Bit, 2-Port NanoSwitch™
3
PS8149F
08/25/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3B3244
Com.
Parameters Description
Conditions(1)
Min.
Max.
Units
tPLH
Propagation Delay(2,3) CL = 50 pF,
0.25
ns
tPHL
Ax to Bx
RL = 500Ω
tPZH
Bus Enable Time
CL = 50 pF,
1.0
4.0
ns
tPZL
BE to Ax or Bx
RL = 500Ω,
tPHZ
Bus Disable Time
RL = 500Ω
1.0
4.5
ns
tPLZ
BE to Ax or Bx
Power Supply Characteristics
Parameters Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
ICC
Quiescent Power
VCC = Max.
VIN = GND or VCC
0.1
3.0
µA
Supply Current
∆ICC
Supply Current per
VCC = Max.
VIN = 3.0V(3)
750
µA
Input @ TTL HIGH
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per TTL driven input (control inputs only); A and B pins do not contribute to ICC.
Switching Characteristics over Operating Range
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the ON
resistance of the switch and the load capacitance. The time constant for the switch alone
is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the
rise/fall times of typical driving signals, it adds very little propagational delay to the
system. Propagational delay of the bus switch when used in a system is determined by
the driving circuit on the driving side of the switch and its interaction with the load on
the driven side.
ApplicationsInformation
LogicInputs
The logic control inputs can be driven up to +3.6 regardless of the supply voltage. For example, given a + 3.3V supply, IN may be
driven low to 0V and high to 3.6V. Driving IN Rail-to-Rail® minimizes power consumption.
Power-SupplySequencingandHot-PlugInformation
Proper power-supply sequencing is recommended for all CMOS devices. Always apply VCC and GND before applying signals to
input/output or control pins.
Rail-to-Rail is a registeredtrademark of Nippon Motorola, Ltd



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com