Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC272CM Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC272CM
Description  CMOS Dual Low Cost Rail to Rail Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC272CM Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMC272CM Datasheet HTML 8Page - National Semiconductor (TI) LMC272CM Datasheet HTML 9Page - National Semiconductor (TI) LMC272CM Datasheet HTML 10Page - National Semiconductor (TI) LMC272CM Datasheet HTML 11Page - National Semiconductor (TI) LMC272CM Datasheet HTML 12Page - National Semiconductor (TI) LMC272CM Datasheet HTML 13Page - National Semiconductor (TI) LMC272CM Datasheet HTML 14Page - National Semiconductor (TI) LMC272CM Datasheet HTML 15Page - National Semiconductor (TI) LMC272CM Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Application Information (Continued)
TABLE 1. Equivalent Input Noise Voltage, e
n, for Two Different Values of R1
Ω
mA
nV/
√Hz
R1
I
C(Q1, 3)
e
n (100 Hz)
e
n (1 kHz)
e
n (10 kHz)
270
1.85
3.2
2.0
1.7
1000
0.50
5.3
2.4
1.9
Here is another application for the LMC272. This is a single
supply notch filter set for 60 Hz using the component values
shown, but the frequency can be changed using the equa-
tions below. The main feature of this circuit is its ability to ad-
just the filter selectivity (Q) using RPOT. You can trade off
notch depth for Q.
Table 2 shows data for two different set-
tings. The LMC272 lends itself nicely to general purpose ap-
plications like this because it is very well behaved and easy
to use. This filter can operate from 2.7V to 15V supplies.
Component value matching is important to achieve good re-
sults. Here R4 is used to set the input to within the common
mode range of the device to allow maximum swing on the
non-inverting input (pin 3). Since R1, R2, and R4 form a volt-
age divider at low frequencies, C4 is added to introduce a
high frequency attenuation in conjunction with C1, and C3.
R5 and R6 were picked to set the pass band gain to 0 dB.
R = R1 = R2 = 2R3
C = C1 = C3 = C2/2
TABLE 2. Filter Selectivity (Q) vs Notch Depth
(dB)
Q
Notch Depth
0.3
40
617
Single Supply Twin-T Notch Filter with “Q” Adjustment
DS012867-3
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com