Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC567 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC567
Description  Low Power Tone Decoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC567 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMC567 Datasheet HTML 1Page - National Semiconductor (TI) LMC567 Datasheet HTML 2Page - National Semiconductor (TI) LMC567 Datasheet HTML 3Page - National Semiconductor (TI) LMC567 Datasheet HTML 4Page - National Semiconductor (TI) LMC567 Datasheet HTML 5Page - National Semiconductor (TI) LMC567 Datasheet HTML 6Page - National Semiconductor (TI) LMC567 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage, Pin 3
2 V
p–p
Supply Voltage, Pin 4
10V
Output Voltage, Pin 8
13V
Voltage at All Other Pins
Vs to Gnd
Output Current, Pin 8
30 mA
Package Dissipation
500 mW
Operating Temperature Range (T
A)
−25˚C to +125˚C
Storage Temperature Range
−55˚C to +150˚C
Soldering Information
Dual-In-Line Package
Soldering (10 sec.)
260˚C
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
Electrical Characteristics
Test Circuit, T
A = 25˚C, Vs = 5V, RtCt #2, Sw. 1 Pos. 0, and no input, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I4
Power Supply
Current
RtCt #1, Quiescent
or Activated
V
s = 2V
0.3
mAdc
V
s = 5V
0.5
0.8
V
s = 9V
0.8
1.3
V3
Input D.C. Bias
0
mVdc
R3
Input Resistance
40
k
Ω
I8
Output Leakage
1
100
nAdc
f
0
Center Frequency,
F
osc ÷ 2
RtCt #2, Measure Oscillator
Frequency and Divide by 2
V
s = 2V
98
kHz
V
s = 5V
92
103
113
V
s = 9V
105
∆f
0
Center Frequency
Shift with Supply
1.0
2.0
%/V
V
in
Input Threshold
Set Input Frequency Equal to f
0
Measured Above, Increase Input Level
Until Pin 8 Goes Low.
V
s = 2V
11
20
27
mVrms
V
s = 5V
17
30
45
V
s = 9V
45
∆V
in
Input Hysteresis
Starting at Input Threshold, Decrease Input
Level Until Pin 8 goes High.
1.5
mVrms
V8
Output ’Sat’ Voltage
Input Level > Threshold
Choose RL for Specified I8
I8 = 2 mA
0.06
0.15
Vdc
I8 = 20 mA
0.7
L.D.B.W.
Largest Detection
Bandwidth
Measure F
osc with Sw. 1 in
Pos. 0, 1, and 2;
V
s = 2V
711
15
%
V
s = 5V
11
14
17
V
s = 9V
15
∆BW
Bandwidth Skew
0
±1.0
%
f
max
Highest Center
Freq.
RtCt #3, Measure Oscillator Frequency and Divide by 2
700
kHz
V
in
Input Threshold at
f
max
Set Input Frequency Equal to f
max measured Above,
Increase Input Level Until Pin 8 goes Low.
35
mVrms
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guar-
antee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is
given, however, the typical value is a good indication of device performance.
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com