Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VT3245L Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3VT3245L
Description  8-Bit, 2-Port, Low Voltage Translator Bus SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VT3245L Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3VT3245L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VT3245L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VT3245L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VT3245L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VT3245L Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
PS8530B
08/13/04
PI3VT3245
8-Bit, 2-Port, Low Voltage
Translator Bus Switch
Storage Temperature ......................................................... –65°C to +150°C
Ambient Temperature with Power Applied ........................ –40°C to +85°C
Supply Voltage to Ground Potential..................................... –0.5V to +4.6V
DC Input Voltage ................................................................. –0.5V to +5.5V
DC Output Current............................................................................ 120mA
Power Dissipation ................................................................................ 0.5W
Note:
StressesgreaterthanthoselistedunderMAXIMUMRATINGS
may cause permanent damage to the device. This is a stress
ratingonlyandfunctionaloperationofthedeviceattheseorany
other conditions above those indicated in the operational sec-
tions of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between A and B pin at indicated current through the switch. On-Resistance is determined
by the lower of the voltages on the two (A,B) pins.
5. This parameter is determined by device characterization but is not production tested.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(5)
Description
Test Conditions
Typ.
Units
CIN
Input Capacitance
VIN = 0V
3.5
pF
COFF
A/B Capacitance, Switch Off
5.0
CON
A/B Capacitance, Switch On
11.2
DC Electrical Characteristics (Over Operating Range, TA= –40°C to +85°C, VCC = 3.3V ±10%)
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed logic HIGH level
2.0
VCC +0.3V
V
VIL
Input LOW Voltage
Guaranteed logic LOW level
-0.5
0.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOZH
High Impedance Output
Current
0 ≤ A, B ≤ VCC
±1
RON
Switch On-Resistance
VCC = Min, VIN = 0V, ION = -8mA
5
8
Ω
VCC = Min., VIN = 1.7V, ION = -8mA
15
22
VCC = 2.3V., VIN = 0V, ION = -8mA
6
9
VCC = 2.3V., VIN = 1.3V, ION = -8mA
25
30
Vp
Pass Voltage
VIN = VCC = 3.3V, IOUT = -5µA
2.3
2.5
2.9
V
VIN = VCC = 2.5V, IOUT = -5µA
1.8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com