Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C3306U Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3C3306U
Description  2.5V/3.3V, High Bandwidth, Hot Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3306U Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3C3306U Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3306U Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3306U Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3306U Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C3306U Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3C3306U Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PS8417E
09/07/04
PI3C3305/PI3C3306
2.5V/3.3V, High Bandwidth, Hot Insertion,
2-Bit, 2-Port Bus Switch with Individual Enables
4.0
2.0
0.0
0.0
1.0
2.0
3.0
4.0
5.0
VIN, (V)
VCC = 3.3V
3.1V
2.9V
2.7V
2.5V
2.3V
3.6V
3.8V
3.4V
3.2V
3.0V
2.8V
Output Voltage vs. Input Voltage over Various Supply Voltages
Output Voltage vs. Input Voltage over Various Supply Voltages
Application Information
Logic Inputs
The logic control inpus can be driven up to +3.6V regardless of the supply voltage. For example, given a +3.3V supply, IN may be
driven LOW to 0V and HIGH to 3.6V. Driving IN Rail-toRail minimizes power consumption.
Power-Supply Sequencing
Proper power-supply sequencing is advised for all CMOS devices. It is recommended to always apply VCC before applying signals to
the input/output or control pins.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com