Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC272CMM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC272CMM
Description  CMOS Dual Low Cost Rail to Rail Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC272CMM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMC272CMM Datasheet HTML 1Page - National Semiconductor (TI) LMC272CMM Datasheet HTML 2Page - National Semiconductor (TI) LMC272CMM Datasheet HTML 3Page - National Semiconductor (TI) LMC272CMM Datasheet HTML 4Page - National Semiconductor (TI) LMC272CMM Datasheet HTML 5Page - National Semiconductor (TI) LMC272CMM Datasheet HTML 6Page - National Semiconductor (TI) LMC272CMM Datasheet HTML 7Page - National Semiconductor (TI) LMC272CMM Datasheet HTML 8Page - National Semiconductor (TI) LMC272CMM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2, R
L to ground and RL >
1M
Ω. Boldface limits apply at the temperature extremes
Typ
LMC272C
Symbol
Parameter
Conditions
(Note 5)
Limit
Units
(Note 6)
SR
Slew Rate (Note 8)
A
V = +1, RL = 10 kΩ,
V/µs
VI = 1V
PP,CL = 20 pF
2.5
(Note 12)
A
V = +1, RL = 10 kΩ,
VI = 2.5 V
PP,CL = 20 pF
2.5
(Note 12)
GBW
Unity Gain Frequency
VI = 10 mV, C
L = 20 pF
2.0
MHz
(Note 12)
φ
m
Phase Margin
VI = 10 mV, C
L = 20 pF
43
Deg
(Note 12)
e
n
Input-Referred
f = 1 kHz, R
S = 20Ω
25
Voltage Noise
i
n
Input-Referred
f = 1 kHz
0.0015
Current Noise
f
max
Full Power Bandwidth
V
S = 10V, CL = 20 pF, RL = 20 kΩ
120
kHz
Amp-to-Amp Isolation
(Note 9)
150
dB
THD
Total Harmonic
A
V = +1, VIN = 2.5 VPP
0.015
%
Distortion
f = 1 kHz
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com