Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC568CM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC568CM
Description  Low Power Phase-Locked Loop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC568CM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC568CM Datasheet HTML 1Page - National Semiconductor (TI) LMC568CM Datasheet HTML 2Page - National Semiconductor (TI) LMC568CM Datasheet HTML 3Page - National Semiconductor (TI) LMC568CM Datasheet HTML 4Page - National Semiconductor (TI) LMC568CM Datasheet HTML 5Page - National Semiconductor (TI) LMC568CM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LMC568
Low Power Phase-Locked Loop
General Description
The LMC568 is an amplitude-linear phase-locked loop con-
sisting of a linear VCO, fully balanced phase detectors, and
a carrier detect output. LMCMOS™ technology is employed
for high performance with low power consumption.
The VCO has a linearized control range of ±30% to allow de-
modulation of FM and FSK signals. Carrier detect is indi-
cated when the PLL is locked to an input signal greater than
26 mVrms. LMC568 applications include FM SCA and TV
second audio program decoders, FSK data demodulators,
and voice pagers.
Features
n Demodulates ±15% deviation FM/FSK signals
n Carrier Detect Output with hysteresis
n Operation to 500 kHz input frequency
n Low THD — 0.5% typ. for ±10% deviation
n 2V to 9V supply voltage range
n Low supply current drain
Typical Application (100 kHz input frequency, refer to notes pg. 3)
LMCMOS™ is a trademark of National Semiconductor Corporation.
DS009135-1
Order Number LMC568CM or LMC568CN
See NS Package Number M08A or N08E
May 1999
© 1999 National Semiconductor Corporation
DS009135
www.national.com


Similar Part No. - LMC568CM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC568CM/NOPB TI1-LMC568CM/NOPB Datasheet
805Kb / 12P
Low Power Phase-Locked Loop
LMC568CMX/NOPB TI1-LMC568CMX/NOPB Datasheet
805Kb / 12P
Low Power Phase-Locked Loop
More results

Similar Description - LMC568CM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
List of Unclassifed Man...
FS8107E ETC-FS8107E Datasheet
128Kb / 10P
Low Power Phase-Locked Loop IC
FS8108 ETC1-FS8108 Datasheet
131Kb / 10P
Low Power Phase-Locked Loop IC
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
logo
Princeton Technology Co...
FS8107E PTC-FS8107E Datasheet
249Kb / 10P
Low Power Phase-Locked Loop IC
FS8108 PTC-FS8108 Datasheet
251Kb / 10P
Low Power Phase-Locked Loop IC
logo
Z-Communications, Inc
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
PSA3180C ZCOMM-PSA3180C Datasheet
93Kb / 2P
PHASE LOCKED LOOP
PSA5000A ZCOMM-PSA5000A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
logo
Texas Instruments
LMC568 TI1-LMC568 Datasheet
805Kb / 12P
Low Power Phase-Locked Loop
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com