Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6151FSTSN Datasheet(PDF) 2 Page - MTRONPTI

Part # M6151FSTSN
Description  5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M6151FSTSN Datasheet(HTML) 2 Page - MTRONPTI

  M6151FSTSN Datasheet HTML 1Page - MTRONPTI M6151FSTSN Datasheet HTML 2Page - MTRONPTI M6151FSTSN Datasheet HTML 3Page - MTRONPTI M6151FSTSN Datasheet HTML 4Page - MTRONPTI M6151FSTSN Datasheet HTML 5Page - MTRONPTI M6151FSTSN Datasheet HTML 6Page - MTRONPTI M6151FSTSN Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
2
M615x Series
5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave,
Precision TCXO/TCVCXO
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
Performance Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units Conditions/Notes
Frequency Range
FO
8
38.88
MHz
Contact factory above 38.88 MHz.
Initial Accuracy
FI
-1.0
+1.0
ppm
@ +25 °C at time of shipment.
Operating Temperature
TA
°C
Storage Temperature
TSTG
-55
+125
°C
Stability vs Temperature
∆FT/F
0.3
ppm
TA = -40 °C to +85 °C (includes Hysteresis)
Ref GR1244CORE
Stability vs Drift
40
ppb
After 24 hours at constant temperature.
Free-Run Accuracy
-4.6
+4.6
ppm
Includes initial calibration @ +25 °C,
deviation over temperature, supply voltage
and load variations, reflow, hysteresis, and
20 year aging.
Stability vs Supply Voltage
∆FVDD/F
±0.02
±0.1
ppm
±5 % change in voltage.
Stability vs Load
∆FLOAD/F
±0.02
±0.1
ppm
±5 % change in load.
Supply Voltage (VDD) Tolerance
-5.0
+5.0
%
(See Ordering Information)
Supply Current (ID)
2.0
3.0
mA
HCMOS output at 13 MHz
(Reference to VDD = 3.3 V)
3.0
4.0
mA
HCMOS output at 26 MHz
4.2
5.2
mA
HCMOS output at 38.88 MHz
1.3
2.0
mA
Clipped Sine Wave output at 13 MHz
1.7
2.7
mA
Clipped Sine Wave output at 26 MHz
2.3
3.5
mA
Clipped Sine Wave output at 38.88 MHz
Output Logic Levels
VOL
20
% VDD IOH/IOL = ±4 mA, VDD = +3.0 V
(HCMOS)
VOH
80
% VDD IOH/IOL = ±4 mA, VDD = +3.0 V
Output Level
1.0
Vpk-pk
FO < 40 MHz
(Clipped Sine Wave)
0.8
Vpk-pk
FO > 40 MHz
Symmetry (Duty Cycle)
tDC
40
50
60
%
Ref. to ½ VS. HCMOS Only
Rise/Fall Time
tR/tF
6.5
ns
Ref. 10 % to 90 %. HCMOS only
Output Load
HCMOS Output
Clipped Sine Wave Output
Frequency Adjustment
±9.2
ppm
Over Control Voltage Range
Control Voltage Range
0.3
2.7
V
For VDD = 3.0 V
0.3
3.0
V
For VDD = 3.3 V
0.5
4.5
V
For VDD = 5.0 V
Input Leakage Current
-50
+50
µA
Input Resistance
100
kΩ
Linearity
5
%
Modulation Bandwidth
2 kHz
Tristate Function
70
% VDD Output enabled. Logic “1” or “Open”
30
% VDD Output disabled. Logic “0” or “GND”
Tristate Leakage Current
-100
+100
µA
Phase Noise
-102
dBc/Hz @ 10 Hz Offset
(Typical 12.8 MHz HCMOS @ 3.3 V)
-132
dBc/Hz @ 100 Hz Offset
-148
dBc/Hz @ 1 kHz Offset
-154
dBc/Hz @ 10 kHz Offset
-155
dBc/Hz @ 100 kHz Offset
Shock
Vibration
Solderability
Package
Max Soldering Conditions
Other Parameters
MIL-STD-202, Method 213, Condition C (100 g)
MIL-STD-202, Methods 201 & 204 (10 g from 10 Hz to 2000 Hz)
EIAJ-STD-002
5.0 mm x 7.0 mm, SMT and DIP (RoHS Compliant)
See solder profile
10 kΩ || 10 pF
(See Ordering Information)
15 pF
Frequency Stabilities
Supply Voltage & Current
RF Output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com