Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT40.362 Datasheet(PDF) 9 Page - PULS GmbH

Part # XT40.362
Description  THREE-PHASE INPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.362 Datasheet(HTML) 9 Page - PULS GmbH

Back Button XT40.362 Datasheet HTML 5Page - PULS GmbH XT40.362 Datasheet HTML 6Page - PULS GmbH XT40.362 Datasheet HTML 7Page - PULS GmbH XT40.362 Datasheet HTML 8Page - PULS GmbH XT40.362 Datasheet HTML 9Page - PULS GmbH XT40.362 Datasheet HTML 10Page - PULS GmbH XT40.362 Datasheet HTML 11Page - PULS GmbH XT40.362 Datasheet HTML 12Page - PULS GmbH XT40.362 Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
XT40.361, XT40.362
– X-Series
36V, 26A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.36x-EN All parameters are specified at 36V 13.3A, 3x400Vac (XT40.361) or 3x480Vac (XT40.362),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
9/20
12. TERMINALS AND WIRING
Use appropriate copper cables that are designed for a minimum operating temperatures of 60°C (for ambient up to
45°C) and 75°C (for ambient up to 60°C). Follow national installation codes and regulations! Ensure that all strands of
a stranded wire enter the terminal connection! Do not use the power supply without PE (Ground) connection! Up to
two stranded wires with the same cross section are permitted in one connection point (except PE wire). Ferrules are
allowed, but not required.
Input
Output
Type
Screw terminal
Screw terminal
Solid wire
0.5-6mm
2
0.5-16mm
2
Stranded wire
0.5-4mm
2
0.5-10mm
2
American wire gauge
20-10 AWG
22-8 AWG
Wire stripping length
7mm / 0.26inch
12mm / 0.5inch
Recommended tightening torque
0.8Nm / 7lb.inch
1.2Nm / 10.6lb.inch
13. RELIABILITY
Lifetime expectancy
min.
t.b.d.
40°C, 26.6A
min.
t.b.d.
40°C, 13.3A
min.
t.b.d.
25°C, 26.6A
MTBF SN 29500, IEC 61709
529 000h
40°C, 26.6A
959 000h
25°C, 26.6A
MTBF MIL HDBK 217F
206 000h
40°C, 26.6A, Ground Benign GB40
276 000h
25°C, 26.6A, Ground Benign GB25
The Lifetime expectancy shown in the table above indicates the operating hours (service life) and is determined by
the lifetime expectancy of the built-in electrolytic capacitors.
Lifetime expectancy is specified in operational hours and is calculated according to the capacitor’s manufacturer
specification. The prediction model allows a calculation of up to 15 years from date of shipment.
MTBF stands for Mean Time Between Failure, which is calculated according to statistical device failures, and indicates
reliability of a device. It is the statistical representation of the likelihood of a unit to fail and does not necessarily
represent the life of a product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com