Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT40.481 Datasheet(PDF) 2 Page - PULS GmbH

Part # XT40.481
Description  THREE-PHASE INPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.481 Datasheet(HTML) 2 Page - PULS GmbH

  XT40.481 Datasheet HTML 1Page - PULS GmbH XT40.481 Datasheet HTML 2Page - PULS GmbH XT40.481 Datasheet HTML 3Page - PULS GmbH XT40.481 Datasheet HTML 4Page - PULS GmbH XT40.481 Datasheet HTML 5Page - PULS GmbH XT40.481 Datasheet HTML 6Page - PULS GmbH XT40.481 Datasheet HTML 7Page - PULS GmbH XT40.481 Datasheet HTML 8Page - PULS GmbH XT40.481 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
XT40.481, XT40.482
– X-Series
48V, 20A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.48x-EN All parameters are specified at 48V 20A, 3x400Vac (XT40.481) or 3x480Vac (XT40.482),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
2/20
INDEX
PAGE
INDEX
PAGE
1.
General Description ............................................1
2.
Short-form Data ..................................................1
3.
Order Numbers....................................................1
4.
Markings ..............................................................1
5.
AC-Input...............................................................3
6.
Input Inrush Current ...........................................4
7.
Output .................................................................5
8.
Hold-up Time.......................................................6
9.
Efficiency and Power Losses................................7
10. Functional Diagram.............................................8
11. Front Side and User Elements.............................8
12. Terminals and Wiring..........................................9
13. Reliability .............................................................9
14. EMC....................................................................10
15. Environment ......................................................11
16. Protection Features ...........................................12
17. Safety .................................................................12
18. Dielectric Strength ............................................12
19. Approvals...........................................................13
20. Fulfilled Standards ............................................13
21. Used Substances ............................................... 13
22. Physical Dimensions and Weight ..................... 14
23. Installation and Operation Instructions .......... 14
24. Accessories ........................................................ 15
25. Comparison between the XT40, a Transformer
and a Traditional Switched-mode Power Supply .. 15
26. Application Notes............................................. 16
26.1. Periodical Peak Power Capability .......... 16
26.2. Charging of Batteries ............................. 16
26.3. Output Circuit Breakers ......................... 17
26.4. External Input Protection....................... 18
26.5. Back-feeding Loads ................................ 18
26.6. Parallel Use to Increase Output Power . 18
26.7. Parallel Use for Redundancy.................. 18
26.8. Series Operation..................................... 19
26.9. Inductive and Capacitive Loads ............. 19
26.10.Loss of One Input Phase......................... 19
26.11.Use in a Tightly Sealed Enclosure .......... 19
26.12.Mounting Orientations .......................... 20
INTENDED USE
The power supply shall only be installed and put into operation by qualified personnel.
This power supply is designed for installation in an enclosure and is intended for the general use, such as in industrial
control, office, communication, and instrumentation equipment. Do not use this device in aircraft, trains and nuclear
equipment, where malfunctioning of the power supply may cause severe personal injury or threaten human life.
TERMINOLOGY AND ABREVIATIONS
PE and
symbol
PE is the abbreviation for Protective Earth and has the same meaning as the symbol
.
Earth, Ground
This document uses the term “earth” which is the same as the U.S. term “ground”.
T.b.d.
To be defined, value or description will follow later.
3AC 400V
A figure displayed with the AC or DC before the value represents a nominal voltage with
standard tolerances (usually ±15%) included. 3AC means three phase input.
E.g.: DC 12V describes a 12V battery disregarding whether it is charged (13.7V) or
discharged (10V)
As long as otherwise stated, 3AC 400V parameters are valid at 50Hz and 3AC 480V
parameters are valid at 60Hz mains frequency.
3x 400Vac
A figure with the unit (Vac) at the end is a value which is used during testing without any
additional tolerances included. 3x 400Vac means a three phase input.
DISCLAIMER
The information presented in this document is believed to be accurate and reliable and may change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com