Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3383LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5C3383LE
Description  5-Bit, 4-Port Bus Exchange Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3383LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5C3383LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3383LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3383LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3383LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3383LE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PI5C3383
5-Bit, 4-Port Bus Exchange Switch
2
PS7028G
12/10/04
Storage Temperature ..........................................................–65°C to +150°C
Ambient Temperature with Power Applied .........................–40°C to +85°C
Supply Voltage to Ground Potential (Inputs & VCC Only)...–0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) –0.5V to +7.0V
DC Input Voltage ..................................................................–0.5V to +7.0V
DC Output Current............................................................................120 mA
Power Dissipation .................................................................................0.5W
Note:
Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operational sections of this specification is not implied. Ex-
posure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, TA = 25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between AB and CD pin at indicated current through the switch. On-Resistance is determined by the lower of
the voltages on the two (A or B, C or D) pins.
5. This parameter is determined by device characterization but is not production tested.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(5)
Description
Test Conditions
Typ.
Units
CIN
Input Capacitance
VIN = 0V
6
pF
COFF
AB/CD Capacitance, Switch OFF
8
CON
AB/CD Capacitance, Switch ON
14
DC Electrical Characteristics (Over the Operating Range, TA= –40°C to +85°C, VCC = 5V ±5%)
Parameters
Description
Test Condidtions(1)
Min. Typ.(2) Max Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
-
-
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
-0.5
-
0.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
-
-
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
-
-
±1
IOZH
High Impedance Output Current
0 ≤ A B, CD ≤ VCC
-
-
±1
VIK
V
Clamp Diode Voltage
VCC =Min., IIN = -18mA
-
-0.7
-1.2
IOS
Short Circut Current(3)
AB (CD) = 0V, CD (AB) = VCC
100
-
-
mA
VH
Input Hysteresis at Control Pins
-
150
-
mV
RON
Switch On-Resistance(4)
VCC = Min., VIN = 0.0V, ION = 48mA
-
5
7
Ω
VCC = Min., VIN = 2.4V, ION = 15mA
-
10
15



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com