Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YR40.241 Datasheet(PDF) 9 Page - PULS GmbH

Part # YR40.241
Description  DUAL REDUNDANCY MODULE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YR40.241 Datasheet(HTML) 9 Page - PULS GmbH

Back Button YR40.241 Datasheet HTML 5Page - PULS GmbH YR40.241 Datasheet HTML 6Page - PULS GmbH YR40.241 Datasheet HTML 7Page - PULS GmbH YR40.241 Datasheet HTML 8Page - PULS GmbH YR40.241 Datasheet HTML 9Page - PULS GmbH YR40.241 Datasheet HTML 10Page - PULS GmbH YR40.241 Datasheet HTML 11Page - PULS GmbH YR40.241 Datasheet HTML 12Page - PULS GmbH YR40.241 Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
YR40.241
Y-Series
12-28V, 40A, DUAL REDUNDANCY MODULE
9. EMC
The redundancy module is suitable for applications in industrial environment as well as in residential, commercial and
light industry environment without any restrictions. A detailed EMC report is available on request.
EMC Immunity
According generic standards: EN 61000-6-1 and EN 61000-6-2
Electrostatic discharge
EN 61000-4-2
Contact discharge
Air discharge
8kV
15kV
Criterion A
Criterion A
Electromagnetic RF field
EN 61000-4-3
80MHz-2.7GHz
20V/m
Criterion A
Fast transients (Burst)
EN 61000-4-4
Input lines
Output lines
2kV
2kV
Criterion A
Criterion A
Surge voltage on input
lines
EN 61000-4-5
+
-
+/-
Chassis ground
500V
1kV
Criterion A
Criterion A
Surge voltage on output
lines
EN 61000-4-5
+
-
+/-
Chassis ground
500V
1kV
Criterion A
Criterion A
Conducted disturbance
EN 61000-4-6
0.15-80MHz
20V
Criterion A
Power-frequency magnetic
field *)
EN 61000-4-8
50Hz
30A/m
Criterion A
Criterions:
A:
Redundancy module shows normal operation behavior within the defined limits.
Notes:
*)
A test is not applicable according to EN 61000-6-2, since the device does not contain components susceptible to magnetic fields, e.g. hall
elements, electrodynamic microphones, etc.
EMC Emission
According generic standards: EN 61000-6-3 and EN 61000-6-4
Conducted emission
IEC/CISPR 16-1-2, IEC/CISPR 16-2-1
limits for DC power ports according
EN 61000-6-3 fulfilled *)
Radiated emission
EN 55011, EN 55022
Class B
This device complies with FCC Part 15 rules.
Operation is subjected to following two conditions: (1) this device may not cause harmful interference, and (2) this
device must accept any interference received, including interference that may cause undesired operation.
*)
For information only, not mandatory for EN 61000-6-3. Provided, that power sources connected on the inputs fulfill the requirements too.
Switching frequency
The internal auxiliary supply is generated with a boost converter.
The switching frequency is typ. 16kHz.
Feb. 2014 / Rev. 1.3 DS-YR40.241-EN
All parameters are specified at 24V, 40A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
9/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com