Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC272CMMX Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC272CMMX
Description  CMOS Dual Low Cost Rail to Rail Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC272CMMX Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMC272CMMX Datasheet HTML 6Page - National Semiconductor (TI) LMC272CMMX Datasheet HTML 7Page - National Semiconductor (TI) LMC272CMMX Datasheet HTML 8Page - National Semiconductor (TI) LMC272CMMX Datasheet HTML 9Page - National Semiconductor (TI) LMC272CMMX Datasheet HTML 10Page - National Semiconductor (TI) LMC272CMMX Datasheet HTML 11Page - National Semiconductor (TI) LMC272CMMX Datasheet HTML 12Page - National Semiconductor (TI) LMC272CMMX Datasheet HTML 13Page - National Semiconductor (TI) LMC272CMMX Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Typical Performance Characteristics (V
S = +5V, single supply, TA = 25˚C, and RL to ground unless
otherwise specified) (Continued)
Gain/Phase Response vs
Temperature
DS012867-23
Unity Gain
Frequency vs Temperature
DS012867-24
Crosstalk Rejection
vs Frequency
DS012867-25
Input Voltage Noise
vs Frequency
DS012867-26
Gain/Phase vs
Capacitive Load
DS012867-27
THD vs Frequency
DS012867-28
Output Swing vs Frequency
DS012867-29
Small Signal Step Response
V
S = ±1.35V, AV = +1,
Z
L = 10 kΩ || 20 pF, VIN = 0.1 VPP
DS012867-30
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com