Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSR Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # BSR
Description  High thermal stability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BSR Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  BSR Datasheet HTML 1Page - Laird Tech Smart Technology BSR Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Eccosorb® BSR
RFP-DS-BSR 093015
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of Laird Technologies materials rests with the end user. Laird
Technologies makes no warranties as to the fitness, merchantability, suitability or non- infringement of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any
kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Technologies, Inc. All Rights Reserved. Laird, Laird
Technologies, the Laird Technologies Logo, and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license
under any Laird Technologies or any third party intellectual property rights.
INSTRUCTIONS FOR USE
• Eccosorb BSR is designed to function directly in front of a metallic surface.
• For applications where the service temperature exceeds 121°C (250°F), the material can be
bonded to most substrates by using an RTV silicone based adhesive in conjunction with a
suitable primer.
• Eccosorb BSR can be readily cut with a sharp knife and template.
It is a very flexible material and conforms to contoured surfaces.
Typical Attenuation Eccosorb BSR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com