Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C2972FC Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C2972FC
Description  Low Voltage PLL Clock Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2972FC Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C2972FC Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2972FC Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2972FC Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2972FC Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2972FC Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2972FC Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2972FC Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS8590C
09/22/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2972
Description
The PI6C2972 are 3.3V compatible, PLL based clock driver devices
targeted for high-performance CISC or RISC processor based sys-
tems. With output frequencies of up to 125 MHz and skews of 550ps
the PI6C2972 are ideally suited for most synchronous systems. The
devices offer twelve low skew outputs plus a feedback and sync
output for added flexibility and ease of system implementation.
The PI6C2972 features an extensive level of frequency programma-
bility between the 12 outputs as well as the input vs output
relationships. Using the select lines output frequency ratios of 1:1,
2:1, 3:1, 3:2, 4:1, 4:3, 5:1, 5:2, 5:3, 6:1 and 6:5 between outputs can be
realized by pulsing low one clock edge prior to the coincident edges
of the Qa and Qc outputs. The Sync output will indicate when the
coincident rising edges of the above relationships will occur. The
Power–On Reset ensures proper programming if the frequency
select pins are set at power up. If the fselFB2 pin is held high, it may
be necessary to apply a reset after power–up to ensure synchroni-
zation between the QFB output and the other outputs. The internal
power–on reset is designed to provide this function, but with
power–up conditions being dependent, it is difficult to guarantee.
All other conditions of the fsel pins will automatically synchronize
during PLL lock acquisition.
The PI6C2972 offers a very flexible output enable/disable scheme.
Note that all of the control inputs on the PI6C2972 have internal pull–
up resistors.
The PI6C2972 is fully 3.3V compatible and requires no external loop
filter components. All inputs accept LVCMOS/LVTTL compatible
levels while the outputs provide LVCMOS levels with the capability
to drive 50-ohm transmission lines. For series terminated lines each
PI6C2972 output can drive two 50-ohm lines in parallel thus effec-
tively doubling the fanout of the device.
Features
• Fully Integrated PLL
• Output Frequency up to 125 MHz
• Compatible with PowerPC and Pentium Microprocessors
• 3.3VVCC
• + 100ps Typical Cycle–to–Cycle Jitter
• Packaging (Pb-free & Green available):
-52-pinLQFP(FC)
Low Voltage PLL Clock Driver
PinConfiguration
40
41
42
43
44
45
46
47
48
49
50
51
52
26
25
24
23
22
21
20
19
18
17
16
15
14
1
2
3
4
5
6
7
8
9 10 11 12 13
39 38 37 36 35 34 33 32 31 30 29 28 27
fselb1
fselb0
fsela1
fsela0
Qa3
VCCO
Qa2
GNDO
Qa1
VCCO
Qa0
GND0
VCO_Sel
fselFB1
QSync
GNDO
Qc0
VCCO
Qc1
fselc0
fselc1
Qc2
VCCO
Qc3
GND0
Inv_Clk


Similar Part No. - PI6C2972FC

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2952 PERICOM-PI6C2952 Datasheet
72Kb / 6P
Low Voltage PLL Clock Driver
PI6C2952-1FB PERICOM-PI6C2952-1FB Datasheet
72Kb / 6P
Low Voltage PLL Clock Driver
PI6C2952-2FB PERICOM-PI6C2952-2FB Datasheet
72Kb / 6P
Low Voltage PLL Clock Driver
PI6C2952FB PERICOM-PI6C2952FB Datasheet
72Kb / 6P
Low Voltage PLL Clock Driver
PI6C2952FBE PERICOM-PI6C2952FBE Datasheet
72Kb / 6P
Low Voltage PLL Clock Driver
More results

Similar Description - PI6C2972FC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC9350 MOTOROLA-MPC9350 Datasheet
282Kb / 12P
LOW VOLTAGE PLL CLOCK DRIVER
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
Low-Voltage PLL Clock Driver
April 20, 2004
logo
Pericom Semiconductor C...
PI6C2952 PERICOM-PI6C2952 Datasheet
72Kb / 6P
Low Voltage PLL Clock Driver
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
Low Voltage PLL Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com