Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7410-CM Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS7410-CM
Description  CD/MP3/WMA Audio Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7410-CM Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS7410-CM Datasheet HTML 17Page - Cirrus Logic CS7410-CM Datasheet HTML 18Page - Cirrus Logic CS7410-CM Datasheet HTML 19Page - Cirrus Logic CS7410-CM Datasheet HTML 20Page - Cirrus Logic CS7410-CM Datasheet HTML 21Page - Cirrus Logic CS7410-CM Datasheet HTML 22Page - Cirrus Logic CS7410-CM Datasheet HTML 23Page - Cirrus Logic CS7410-CM Datasheet HTML 24Page - Cirrus Logic CS7410-CM Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
CS7410
DS553PP1
21
2. CS7410 SUMMARY
2.1
CS7410 Typical Application
Figure 16 shows an example of a complete audio player using the CS7410.
2.2
CS7410 Block Summaries
2.2.1
RISC-32
•
Powerful 32-bit RISC processor
•
Comprehensive development tool support
•
Big or little endian data formats supported
•
32x32 (64-bit result) MAC, 2 cycles / multiply
with C support
•
4 Kbyte instruction cache, 2 Kbyte data cache
•
Single cycle instructions, runs up to 90 MHz
2.2.2
DSP-16
•
Powerful 16-bit DSP processor
•
16-bit fixed point logic, with 36 bit accumula-
tor.
•
Single-cycle throughput, 2-cycle latency multi-
ply accumulate, 16-bit simple integer logic
•
512 byte instruction cache, 8 Kbyte program
visible local memory
•
Single cycle instructions, runs up to 90 MHz
•
DSP MAC is pipelined, 1 cycle / multiply
2.2.3
System Controls
•
Includes 32 hardware lockable semaphore reg-
isters
•
Two general-purpose registers for inter-proces-
Servo
DSP/Rd
Channel
Speakers/Headphones
(2 or 4 channel)
PCM
DACs
OP-AMPs
4 Chan.
Debug
Optical
Driver
2 Chan.
IEC-958
ROM/FLASH
(optional)
0-2 MB
For new code
DRAM
EDO/SDRAM
(optional)
0-8 MB
For shock protection
Serial
EEPROM
(optional)
Keypad
Matrix
LCD
Controller/
Display
IR
receiver
GPIO
Memory
Interface
Serial
Interface
Digital Audio Out
DAC
Out
CD
Interface
CS7410
Figure 16. CS7410 Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com