Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2304G Datasheet(PDF) 6 Page - Micro Electronics

Part # D2304G
Description  1.3 m D2300-Type Laser Isolated DFB Laser Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

D2304G Datasheet(HTML) 6 Page - Micro Electronics

  D2304G Datasheet HTML 1Page - Micro Electronics D2304G Datasheet HTML 2Page - Micro Electronics D2304G Datasheet HTML 3Page - Micro Electronics D2304G Datasheet HTML 4Page - Micro Electronics D2304G Datasheet HTML 5Page - Micro Electronics D2304G Datasheet HTML 6Page - Micro Electronics D2304G Datasheet HTML 7Page - Micro Electronics D2304G Datasheet HTML 8Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Lucent Technologies Inc.
Data Sheet
February 2000
Isolated DFB Laser Module
1.3
µm D2300-Type Digital
Class IIIb Laser Product
FDA/CDRH Class IIIb laser product. All versions are Class IIIb laser products per CDRH, 21 CFR 1040 Laser
Safety requirements. All versions are Class IIIb laser products per
IEC * 60825-1:1993. The device has been certi-
fied with the FDA under accession number 8720010.
This product complies with 21 CFR 1040.10 and 1040.11.
8
µm/125 µm single-mode fiber pigtail with 900 µm tight buffer jacket and connector
Wavelength = 1.3
µm
Maximum power = 10 mW
Because of size constraints, labeling is not affixed to the module but is contained in the shipping carton.
Product is not shipped with power supply.
Caution: Use of controls, adjustments, and procedures other than those specified herein may result in
hazardous laser radiation exposure.
*
IEC is a registered trademark of The International Electrotechnical Commission.
10
mW
1.3
µm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com