Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # MCS
Description  High power performance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

MCS Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  MCS Datasheet HTML 1Page - Laird Tech Smart Technology MCS Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Eccosorb® MCS
High-Loss, Thin, Elastomeric Microwave Absorber
HIGH-LOSS ELASTOMERIC ABSORBER
Eccosorb MCS is a thin, flexible, high-loss, magnetically loaded, electrically non-conductive
silicone rubber sheet. It is designed for the frequency range from 800 MHz to 18 GHz.
The material is impervious to moisture and can be subjected to high altitudes with no adverse
effects. Being a silicone based absorber, it has low out-gassing properties for space
applications.
FEATURES AND BENEFITS
• High power performance
• Low outgassing properties
• High magnetic loss
MARKETS
• Commercial Telecom
• Security and Defense
• Automotive and Industrial Electronics
SPECIFICATIONS
TYPICAL PROPERTIES
ECCOSORB MCS
Frequency Range (GHz)
0.8 to 18
Max Service Temperature °C (°F)
170 (338)
Fire Retardancy
UL94 V-0
Hardness (Shore A)
>80
Volume Resistivity (ohm-cm)
2x 10
8
Weight kg/m² (lbs/ft²)
4.4 (0.9)
Relative Impedance
0.66 – 0.23
Tensile Strength (MPa)
>3.5
Elongation (%)
>20
Dielectric Strength (volts/mil)
>20
Outgassing
(%TML) (%CVCM)*
0.3/0.05
Data for design engineer guidance only. Observed performance varies in application.
Engineers are reminded to test the material in application.
* Outgassing data per ASTM E595-07; criteria for acceptability is 1.00% TML and 0.10% CVCM.
APPLICATIONS
• When placed within a cavity, Eccosorb MCS has proven to be very effective at dampening
resonances due to the absorbers high permittivity and permeability as well as high loss
values, which in turn reduces the overall VSWR.
• It is designed for the suppression of surface currents over a wide range of frequencies.
• It can be used for the suppression of creeping waves and reduction of cavity resonances in
microwave modules.
• It is also useful in reducing RF coupling of antennas and microwave components.
AVAILABILITY
• Standard sheets are 305 x 305mm (12”x12”), standard thickness is 1 mm (.040”)
• It can be supplied with a Pressure Sensitive Adhesive (PSA)
• Eccosorb MCS is available in other sizes, thicknesses and customer specified configurations
upon request.
Americas: +1.866.928.8181
Europe: +49.(0)8031.2460.0
Asia: +86.755.2714.1166
www.lairdtech.com


Similar Part No. - MCS

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS Datasheet
491Kb / 2P
Metal Element Current Sense
logo
XP Power Limited
MCS XPPOWER-MCS Datasheet
394Kb / 2P
Rugged Desktop Design
logo
Copal Electronics
MCS COPAL-MCS Datasheet
666Kb / 9P
Sub-miniature Slide Switches
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS Datasheet
542Kb / 2P
Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
logo
Sensata Technologies, I...
MCS SENSATA-MCS Datasheet
1Mb / 5P
SOFT START/SOFT STOP SOLID STATE RELAY
Rev:07/24/2024
More results

Similar Description - MCS

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FMMT495 KEXIN-FMMT495 Datasheet
36Kb / 2P
Power High Performance Transistor
FCX589 KEXIN-FCX589 Datasheet
36Kb / 2P
Power High Performance Transistor
logo
Seme LAB
SML50HB06 SEME-LAB-SML50HB06 Datasheet
617Kb / 7P
HIGH PERFORMANCE POWER SEMICONDUCTORS
SML75HB06 SEME-LAB-SML75HB06 Datasheet
641Kb / 7P
HIGH PERFORMANCE POWER SEMICONDUCTORS
SML200HB12 SEME-LAB-SML200HB12 Datasheet
628Kb / 7P
HIGH PERFORMANCE POWER SEMICONDUCTORS
SML300HB06 SEME-LAB-SML300HB06 Datasheet
635Kb / 7P
HIGH PERFORMANCE POWER SEMICONDUCTORS
SML300HB12GG SEME-LAB-SML300HB12GG Datasheet
239Kb / 7P
HIGH PERFORMANCE POWER SEMICONDUCTORS
SML400HB01MF SEME-LAB-SML400HB01MF Datasheet
652Kb / 9P
HIGH PERFORMANCE POWER SEMICONDUCTORS
logo
Laird Tech Smart Techno...
FGM LSTD-FGM Datasheet
135Kb / 2P
High power performance
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
Low Power High Performance Low Power High Performance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com