Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6032 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6032
Description  CMOS Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6032 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMC6032 Datasheet HTML 1Page - National Semiconductor (TI) LMC6032 Datasheet HTML 2Page - National Semiconductor (TI) LMC6032 Datasheet HTML 3Page - National Semiconductor (TI) LMC6032 Datasheet HTML 4Page - National Semiconductor (TI) LMC6032 Datasheet HTML 5Page - National Semiconductor (TI) LMC6032 Datasheet HTML 6Page - National Semiconductor (TI) LMC6032 Datasheet HTML 7Page - National Semiconductor (TI) LMC6032 Datasheet HTML 8Page - National Semiconductor (TI) LMC6032 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Differential Input Voltage
±Supply Voltage
Supply Voltage (V
+ −V−)
16V
Output Short Circuit to V
+
(Note 10)
Output Short Circuit to V
−
(Note 2)
Lead Temperature
(Soldering, 10 sec.)
260˚C
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature
150˚C
ESD Tolerance (Note 4)
1000V
Power Dissipation
(Note 3)
Voltage at Output/Input Pin
(V
+) + 0.3V,
(V
−) − 0.3V
Current at Output Pin
±18 mA
Current at Input Pin
±5mA
Current at Power Supply Pin
35 mA
Operating Ratings (Note 1)
Temperature Range
−40˚C
≤ T
J ≤ +85˚C
Supply Voltage Range
4.75V to 15.5V
Power Dissipation
(Note 11)
Thermal Resistance (
θ
JA), (Note 12)
8-Pin DIP
101˚C/W
8-Pin SO
165˚C/W
DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. Boldface limits apply at the temperature extremes. V
+ = 5V,
V
− = GND = 0V, V
CM = 1.5V, VOUT = 2.5V and RL > 1M unless otherwise specified.
Symbol
Parameter
Conditions
Typical
(Note 5)
LMC6032I
Units
Limit
(Note 6)
V
OS
Input Offset Voltage
1
9
mV
11
max
∆V
OS/∆T
Input Offset Voltage
2.3
µV/˚C
Average Drift
I
B
Input Bias Current
0.04
pA
200
max
I
OS
Input Offset Current
0.01
pA
100
max
R
IN
Input Resistance
>1
Tera
Ω
CMRR
Common Mode
0V
≤ V
CM ≤ 12V
83
63
dB
Rejection Ratio
V
+ = 15V
60
min
+PSRR
Positive Power Supply
5V
≤ V+ ≤ 15V
83
63
dB
Rejection Ratio
V
O = 2.5V
60
min
−PSRR
Negative Power Supply
0V
≤ V− ≤ −10V
94
74
dB
Rejection Ratio
70
min
V
CM
Input Common-Mode
V
+ = 5V & 15V
−0.4
−0.1
V
Voltage Range
For CMRR
≥ 50 dB
0
max
V
+ − 1.9
V
+ − 2.3
V
V
+ − 2.6
min
A
V
Large Signal
R
L = 2kΩ (Note 7)
2000
200
V/mV
Voltage Gain
Sourcing
100
min
Sinking
500
90
V/mV
40
min
R
L = 600Ω (Note 7)
1000
100
V/mV
Sourcing
75
min
Sinking
250
50
V/mV
20
min
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com