Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8101 Datasheet(PDF) 2 Page - NEC

Part # PS8101
Description  NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8101 Datasheet(HTML) 2 Page - NEC

  PS8101 Datasheet HTML 1Page - NEC PS8101 Datasheet HTML 2Page - NEC PS8101 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PS8101
SYMBOLS
PARAMETERS
UNITS
RATING
Diode
IF
Forward Current
mA
25
VR
Reverse Voltage
V
5.0
PD
Power Dissipation
mW
45
Detector
VCC
Supply Voltage
V
35
VO
Output Voltage
V
35
IO
Output Current
mA
8.0
PC
Power Dissipation
mW
100
Coupled
BV
Isolation Voltage2
Vr.m.s.
2500
TA
Operating Ambient Temp.
°C
-55 to +100
TSTG
Storage Temperature
°C
-55 to +125
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. AC voltage for one minute at TA = 25°C, RH = 60% between
input and output.
3. Test Circuit forCommon Mode Transient Immunity:
NOTES:
2. Test Circuit for Propagation Delay Time:
*CL is approximately 15 pF which includes probe and stray wiring capacitance.
Usage Cautions:
1. When handling this product, precautions should be taken against static electricity.
2. A by-pass capacitor of ≥ 0.1 µF is used between VCC and GND.
(Continued from previous page)
Pulse input (IF)
(Pulse width = 100
µs
Duty Cycle = 1/10)
47
Ω
Input
(monitor)
VO (monitor)
VCC = 5 V
RL = 2.2 k
Ω
CL = 15 pF
0.1
µF
Input
50%
5 V
1.5 V
Output
tPHL
tPLH
VOL
VO (monitor)
VCC = 5 V
RL = 4.1 k
Ω
0.1
µF
VCM
IF
VCM 90 %
tr
tf
(IF = 0 mA)
(IF = 16 mA)
V0
V0L
V0
10 %
0 V
5 V
0.8 V
2 V
1.5 kV
PART
PACKAGE
PACKAGE
APPLIICATION
NUMBER
STYLE
PART NUMBER*
PS8101
5-pin SOP
Magazine case
PS8101
100 PCS
PS8101-F3
Embossed Tape
PS8101-F4
2500 pcs/reel
ORDERING INFORMATION
* For the application of the Safety Standard, following part number
should be used.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com