Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6024IM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6024IM
Description  Low Power CMOS Quad Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6024IM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC6024IM Datasheet HTML 1Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 2Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 3Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 4Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 5Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 6Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 7Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 8Page - National Semiconductor (TI) LMC6024IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LMC6024
Low Power CMOS Quad Operational Amplifier
General Description
The LMC6024 is a CMOS quad operational amplifier which
can operate from either a single supply or dual supplies. Its
performance features include an input common-mode range
that reaches V
−, low input bias current and voltage gain (into
100 k
Ω and5kΩ loads) that is equal to or better than widely
accepted bipolar equivalents, while the power supply re-
quirement is less than 1 mW.
This chip is built with National’s advanced Double-Poly
Silicon-Gate CMOS process.
See the LMC6022 datasheet for a CMOS dual operational
amplifier with these same features.
Features
n Specified for 100 k
Ω and5kΩ loads
n High voltage gain
120 dB
n Low offset voltage drift
2.5 µV/˚C
n Ultra low input bias current
40 fA
n Input common-mode range includes V
−
n Operating range from +5V to +15V supply
n Low distortion
0.01% at 1 kHz
n Slew rate
0.11 V/µs
n Micropower operation
1 mW
Applications
n High-impedance buffer or preamplifier
n Current-to-voltage converter
n Long-term integrator
n Sample-and-hold circuit
n Peak detector
n Medical instrumentation
n Industrial controls
Connection Diagram
Ordering Information
Temperature Range
Package
NSC
Drawing
Transport
Media
Industrial
−40˚C
≤ T
J ≤ +85˚C
LMC6024IN
14-Pin
N14A
Rail
Molded DIP
LMC6024IM
14-Pin
M14A
Rail
Small Outline
Tape and Reel
14-Pin DIP/SO
DS011235-1
Top View
November 1994
© 1999 National Semiconductor Corporation
DS011235
www.national.com


Similar Part No. - LMC6024IM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6024IM/NOPB TI1-LMC6024IM/NOPB Datasheet
1Mb / 22P
Low Power CMOS Quad Operational Amplifier
LMC6024IM/NOPB TI2-LMC6024IM/NOPB Datasheet
832Kb / 25P
LMC6024 Low Power CMOS Quad Operational Amplifier
REVISED MARCH 2013
LMC6024IM/NOPB.A TI2-LMC6024IM/NOPB.A Datasheet
832Kb / 25P
LMC6024 Low Power CMOS Quad Operational Amplifier
REVISED MARCH 2013
LMC6024IM/NOPB.B TI2-LMC6024IM/NOPB.B Datasheet
832Kb / 25P
LMC6024 Low Power CMOS Quad Operational Amplifier
REVISED MARCH 2013
LMC6024IMX/NOPB TI1-LMC6024IMX/NOPB Datasheet
1Mb / 22P
Low Power CMOS Quad Operational Amplifier
More results

Similar Description - LMC6024IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6034 NSC-LMC6034 Datasheet
301Kb / 12P
CMOS Quad Operational Amplifier
LMC660 NSC-LMC660 Datasheet
461Kb / 14P
CMOS Quad Operational Amplifier
LPC660 NSC-LPC660 Datasheet
603Kb / 17P
Low Power CMOS Quad Operational Amplifier
logo
STMicroelectronics
TS27L4C STMICROELECTRONICS-TS27L4C Datasheet
137Kb / 9P
PRECISION VERY LOW POWER CMOS QUAD OPERATIONAL AMPLIFIER
Jun-2003
logo
National Semiconductor ...
LMC660 NSC-LMC660_00 Datasheet
441Kb / 12P
CMOS Quad Operational Amplifier
LMC660 NSC-LMC660_06 Datasheet
873Kb / 14P
CMOS Quad Operational Amplifier
LMC660EP NSC-LMC660EP Datasheet
891Kb / 15P
CMOS Quad Operational Amplifier
logo
Texas Instruments
LMC6024 TI1-LMC6024 Datasheet
1Mb / 22P
Low Power CMOS Quad Operational Amplifier
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
CMOS Quad Operational Amplifier
LPC660 TI1-LPC660 Datasheet
1Mb / 24P
LPC660 Low Power CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com