Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21352L Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS21352L
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21352L Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS21352L Datasheet HTML 17Page - Dallas Semiconductor DS21352L Datasheet HTML 18Page - Dallas Semiconductor DS21352L Datasheet HTML 19Page - Dallas Semiconductor DS21352L Datasheet HTML 20Page - Dallas Semiconductor DS21352L Datasheet HTML 21Page - Dallas Semiconductor DS21352L Datasheet HTML 22Page - Dallas Semiconductor DS21352L Datasheet HTML 23Page - Dallas Semiconductor DS21352L Datasheet HTML 24Page - Dallas Semiconductor DS21352L Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 137 page
background image
DS21352/DS21552
21 of 137
4.1.3 PARALLEL CONTROL PORT PINS
Signal Name:
INT*
Signal Description:
Interrupt
Signal Type:
Output
Flags host controller during conditions and change of conditions defined in the Status Registers 1 and 2 and the HDLC Status
Register. Active low, open drain output
Signal Name:
FMS
Signal Description:
Framer Mode Select
Signal Type:
Input
Selects the DS2152 mode when high or the DS21352/552 mode when low. If high, the JTRST is internally pulled low. If low,
JTRST has normal JTAG functionality. This pin has a 10k pull up resistor.
Signal Name:
TEST
Signal Description:
3–State Control
Signal Type:
Input
Set high to 3–state all output and I/O pins (including the parallel control port) when FMS = 1 or when FMS = 0 and JTRST* is
tied low. Set low for normal operation. Ignored when FMS = 0 and JTRST* = 1. Useful for board level testing.
Signal Name:
MUX
Signal Description:
Bus Operation
Signal Type:
Input
Set low to select non–multiplexed bus operation. Set high to select multiplexed bus operation.
Signal Name:
AD0 TO AD7
Signal Description:
Data Bus [D0 to D7] or Address/Data Bus
Signal Type:
Input
In non–multiplexed bus operation (MUX = 0), serves as the data bus. In multiplexed bus operation (MUX = 1), serves as a 8–
bit multiplexed address / data bus.
Signal Name:
A0 TO A6
Signal Description:
Address Bus
Signal Type:
Input
In non–multiplexed bus operation (MUX = 0), serves as the address bus. In multiplexed bus operation (MUX = 1), these pins
are not used and should be tied low.
Signal Name:
BTS
Signal Description:
Bus Type Select
Signal Type:
Input
Strap high to select Motorola bus timing; strap low to select Intel bus timing. This pin controls the function of the RD*(DS*),
ALE(AS), and WR*(R/W*) pins. If BTS = 1, then these pins assume the function listed in parenthesis ().
Signal Name:
RD*(DS*)
Signal Description:
Read Input - Data Strobe
Signal Type:
Input
RD* and DS* are active low signals. DS active HIGH when MUX = 0. See bus timing diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com