Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA892 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BA892
Description  Silicon RF Switching Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BA892 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BA892 Datasheet HTML 1Page - Infineon Technologies AG BA892 Datasheet HTML 2Page - Infineon Technologies AG BA892 Datasheet HTML 3Page - Infineon Technologies AG BA892 Datasheet HTML 4Page - Infineon Technologies AG BA892 Datasheet HTML 5Page - Infineon Technologies AG BA892 Datasheet HTML 6Page - Infineon Technologies AG BA892 Datasheet HTML 7Page - Infineon Technologies AG BA892 Datasheet HTML 8Page - Infineon Technologies AG BA892 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2011-07-21
1
BA592/BA892...
Silicon RF Switching Diode
• For band switching in TV/VTR tuners
and mobile applications
• Very low forward resistance (typ. 0.45 Ω @ 3 mA)
• Small capacitance
• Pb-free (RoHS compliant) package
• Qualified according AEC Q101
BA592
BA892/-02L
BA892-02V

Type
Package
Configuration
LS(nH) Marking
BA592
BA892
BA892-02L
BA892-02V
SOD323
SCD80
TSLP-2-1
SC79
single
single
single, leadless
single
1.8
0.6
0.4
0.6
blue S
AA
AA
A
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
35
V
Forward current
IF
100
mA
Junction temperature
TJ
150
°C
Operating temperature range
Top
-55 ... 125
Storage temperature
TStg
-55 ... 150


Similar Part No. - BA892

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA892 PHILIPS-BA892 Datasheet
62Kb / 8P
Band-switching diode
1998 May 08
logo
Siemens Semiconductor G...
BA892 SIEMENS-BA892 Datasheet
15Kb / 3P
Silicon Rf Switching Diode Preliminary data
logo
Leshan Radio Company
BA892 LRC-BA892 Datasheet
91Kb / 2P
Band-switching diode
logo
Infineon Technologies A...
BA892 INFINEON-BA892 Datasheet
416Kb / 4P
Silicon RF Switching Diode
Feb-04-2003
BA892 INFINEON-BA892 Datasheet
108Kb / 11P
Silicon RF Switching Diode
2007-04-19
More results

Similar Description - BA892

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BA582 SIEMENS-BA582 Datasheet
28Kb / 2P
Silicon RF Switching Diode
logo
Infineon Technologies A...
BAR80 INFINEON-BAR80 Datasheet
42Kb / 4P
Silicon RF Switching Diode
Aug-17-2001
BAR81W INFINEON-BAR81W Datasheet
407Kb / 4P
Silicon RF Switching Diode
Dec-20-2002
logo
Guangdong Kexin Industr...
BAR81W KEXIN-BAR81W Datasheet
36Kb / 1P
Silicon RF Switching Diode
BAR65-02W KEXIN-BAR65-02W Datasheet
31Kb / 1P
Silicon RF Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BA592WS SEMTECH_ELEC-BA592WS Datasheet
245Kb / 3P
SILICON RF SWITCHING DIODE
logo
Infineon Technologies A...
BAT18 INFINEON-BAT18_07 Datasheet
60Kb / 5P
Silicon RF Switching Diode
2007-03-29
BAR81 INFINEON-BAR81_07 Datasheet
75Kb / 6P
Silicon RF Switching Diode
2007-04-19
BAT18-04 INFINEON-BAT18-04_11 Datasheet
815Kb / 5P
Silicon RF Switching Diode
2011-06-14
BAR81WH6327 INFINEON-BAR81WH6327 Datasheet
824Kb / 6P
Silicon RF Switching Diode
2011-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com