Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6041 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6041
Description  CMOS Single Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6041 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC6041 Datasheet HTML 1Page - National Semiconductor (TI) LMC6041 Datasheet HTML 2Page - National Semiconductor (TI) LMC6041 Datasheet HTML 3Page - National Semiconductor (TI) LMC6041 Datasheet HTML 4Page - National Semiconductor (TI) LMC6041 Datasheet HTML 5Page - National Semiconductor (TI) LMC6041 Datasheet HTML 6Page - National Semiconductor (TI) LMC6041 Datasheet HTML 7Page - National Semiconductor (TI) LMC6041 Datasheet HTML 8Page - National Semiconductor (TI) LMC6041 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LMC6041
CMOS Single Micropower Operational Amplifier
General Description
Ultra-low power consumption and low input-leakage current
are the hallmarks of the LMC6041. Providing input currents
of only 2 fA typical, the LMC6041 can operate from a single
supply, has output swing extending to each supply rail, and
an input voltage range that includes ground.
The LMC6041 is ideal for use in systems requiring ultra-low
power consumption. In addition, the insensitivity to latch-up,
high output drive, and output swing to ground without requir-
ing
external
pull-down
resistors
make
it
ideal
for
single-supply battery-powered systems.
Other applications for the LMC6041 include bar code reader
amplifiers, magnetic and electric field detectors, and
hand-held electrometers.
This device is built with National’s advanced Double-Poly
Silicon-Gate CMOS process.
See the LMC6042 for a dual, and the LMC6044 for a quad
amplifier with these features.
Features
n Low supply current:
14 µA (Typ)
n Operates from 4.5V to 15.5V single supply
n Ultra low input current:
2 fA (Typ)
n Rail-to-rail output swing
n Input common-mode range includes ground
Applications
n Battery monitoring and power conditioning
n Photodiode and infrared detector preamplifier
n Silicon based transducer systems
n Hand-held analytic instruments
n pH probe buffer amplifier
n Fire and smoke detection systems
n Charge amplifier for piezoelectric transducers
Connection Diagram
Ordering Information
Temperature
Range
NSC
Drawing
Transport
Media
Package
Industrial
−40˚C to +85˚C
8-Pin
LMC6041AIM
M08A
Rail
Small Outline
LMC6041IM
Tape and
Reel
8-Pin
LMC6041AIN
N08E
Rail
Molded DIP
LM6041IN
8-Pin DIP/SO
DS011136-1
December 1994
© 1999 National Semiconductor Corporation
DS011136
www.national.com


Similar Part No. - LMC6041

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6041 TI-LMC6041 Datasheet
1Mb / 23P
LMC6041 CMOS Single Micropower Operational Amplifier
LMC6041 TI1-LMC6041 Datasheet
1Mb / 23P
LMC6041 CMOS Single Micropower Operational Amplifier
LMC6041 TI1-LMC6041 Datasheet
1Mb / 23P
CMOS Single Micropower Operational Amplifier
LMC6041AIM TI-LMC6041AIM Datasheet
1Mb / 23P
LMC6041 CMOS Single Micropower Operational Amplifier
LMC6041AIM TI1-LMC6041AIM Datasheet
1Mb / 23P
LMC6041 CMOS Single Micropower Operational Amplifier
More results

Similar Description - LMC6041

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
Precision CMOS Single Micropower Operational Amplifier
logo
Analog Devices
AD8500 AD-AD8500 Datasheet
630Kb / 12P
Micropower Precision CMOS Operational Amplifier
8/06-Rev. 0 to Rev. A
logo
Texas Instruments
LMC6041IN TI-LMC6041IN Datasheet
1Mb / 23P
LMC6041 CMOS Single Micropower Operational Amplifier
LMC6041AIM TI1-LMC6041AIM Datasheet
1Mb / 23P
LMC6041 CMOS Single Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6041 NSC-LMC6041_14 Datasheet
1Mb / 23P
LMC6041 CMOS Single Micropower Operational Amplifier
LMC6061 NSC-LMC6061_14 Datasheet
1Mb / 21P
PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6041 TI1-LMC6041 Datasheet
1Mb / 23P
CMOS Single Micropower Operational Amplifier
LMC6061 TI1-LMC6061 Datasheet
1Mb / 21P
PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com