Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8652EVKA Datasheet(PDF) 21 Page - Semtech Corporation

Part # SX8652EVKA
Description  15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8652EVKA Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SX8652EVKA Datasheet HTML 17Page - Semtech Corporation SX8652EVKA Datasheet HTML 18Page - Semtech Corporation SX8652EVKA Datasheet HTML 19Page - Semtech Corporation SX8652EVKA Datasheet HTML 20Page - Semtech Corporation SX8652EVKA Datasheet HTML 21Page - Semtech Corporation SX8652EVKA Datasheet HTML 22Page - Semtech Corporation SX8652EVKA Datasheet HTML 23Page - Semtech Corporation SX8652EVKA Datasheet HTML 24Page - Semtech Corporation SX8652EVKA Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Revision V1.7/October 2010
©2010 Semtech Corp.
SX8652
www.semtech.com
Page 21
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
15kV ESD Low Power 4-Wire / 5-Wire Resistive
Touchscreen Controller with SPI Interface
Figure 17. Data channel format
9.5. Invalid Qualified Data
The SX8652 returns 0xFFFF data in case of invalid qualified data.
This occurs:
When the SX8652 has read all the channel data in the FIFO
When a conversion is done without a pen being detected.
NCS
SCLK
DIN
DOUT
11 10 9 8 7 6 5 4 3 2 1 0
0 0 1
11 10 9 8 7 6 5 4 3 2 1 0
Reading Channel Data
NCS
SCLK
DIN
DOUT
7 6 5 4 3 2 1 0
0 1 0
RA[4:0]
Reading Register
7 6 5 4 3 2 1 0
NCS
SCLK
DIN
DOUT
0 0 0
RA[4:0]
Writing Register
7 6 5 4 3 2 1 0
7 6 5 4 3 2 1 0
Multiple Write
Single Write
Multiple Read
Single Read
Multiple Read
Single Read
NCS
SCLK
DIN
DOUT
Other command
CMD
Unknown bit
Multiple access
Single access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com