Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6044 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6044
Description  CMOS Quad Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6044 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMC6044 Datasheet HTML 1Page - National Semiconductor (TI) LMC6044 Datasheet HTML 2Page - National Semiconductor (TI) LMC6044 Datasheet HTML 3Page - National Semiconductor (TI) LMC6044 Datasheet HTML 4Page - National Semiconductor (TI) LMC6044 Datasheet HTML 5Page - National Semiconductor (TI) LMC6044 Datasheet HTML 6Page - National Semiconductor (TI) LMC6044 Datasheet HTML 7Page - National Semiconductor (TI) LMC6044 Datasheet HTML 8Page - National Semiconductor (TI) LMC6044 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Differential Input Voltage
±Supply Voltage
Supply Voltage (V
+ −V−)
16V
Output Short Circuit to V
+
(Note 12)
Output Short Circuit to V
−
(Note 2)
Lead Temperature
(Soldering, 10 sec.)
260˚C
Current at Input Pin
±5mA
Current at Output Pin
±18 mA
Current at Power Supply Pin
35 mA
Power Dissipation
(Note 3)
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 3)
110˚C
ESD Tolerance (Note 4)
500V
Voltage at I/O Pin (V
+)
+0.3V, (V
−) −0.3V
Operating Ratings
Temperature Range
LMC6044AI, LMC6044I
−40˚C
≤ T
J ≤ +85˚C
Supply Voltage
4.5V
≤ V+ ≤ 15.5V
Power Dissipation
(Note 10)
Thermal Resistance (
θ
JA), (Note 11)
14-Pin DIP
85˚C/W
14-Pin SO
115˚C/W
Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
A = TJ = 25˚C. Boldface limits apply at the temperature extremes. V
+ =
5V, V
− = 0V, V
CM = 1.5V, VO = V
+/2, and R
L > 1M unless otherwise specified.
Typical
LMC6044AI
LMC6044I
Units
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
(Limit)
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
1
3
6
mV
3.3
6.3
max
TCV
OS
Input Offset Voltage
1.3
µV/˚C
Average Drift
I
B
Input Bias Current
0.002
44
pA
max
I
OS
Input Offset Current
0.001
22
pA
max
R
IN
Input Resistance
>10
Tera
Ω
CMRR
Common Mode
0V
≤ V
CM ≤ 12.0V
75
68
62
dB
Rejection Ratio
V
+ = 15V
66
60
min
+PSRR
Positive Power Supply
5V
≤ V+ ≤ 15V
75
68
62
dB
Rejection Ratio
V
O = 2.5V
66
60
min
−PSRR
Negative Power Supply
0V
≤ V− ≤ −10V
94
84
74
dB
Rejection Ratio
V
O = 2.5V
83
73
min
CMR
Input Common-Mode
V
+ = 5V & 15V
−0.4
−0.1
−0.1
V
Voltage Range
For CMRR
≥ 50 dB
00
max
V
+ − 1.9V
V
+ − 2.3V
V
+ − 2.3V
V
V
+ − 2.5V
V
+ − 2.4V
min
A
V
Large Signal
R
L = 100 kΩ (Note 7)
Sourcing
1000
400
300
V/mV
Voltage Gain
300
200
min
Sinking
500
180
90
V/mV
120
70
min
R
L = 25 kΩ (Note 7)
Sourcing
1000
200
100
V/mV
160
80
min
Sinking
250
100
50
V/mV
60
40
min
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com