Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FES26A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FES26A
Description  1 Amp. Surface Mounted Very Fast Soft Recovery Glass Passivated Avalanche Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FES26A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FES26A Datasheet HTML 1Page - List of Unclassifed Manufacturers FES26A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FES26
Rating And Characteristic Curves
FORWARD CURRENT DERATING CURVE
MAXIMUM FORWARD CHARACTERISTIC
Lead temperature (ºC)
0
50
175
25
75
150
125
100
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
1
Number of cycles at 50 Hz.
0
2
1.5
1
0.5
0
2
4
6
10
100
60
40
20
50
40
30
20
10
0
V , instantaneous forward voltage (V)
F
1.4
1.2
1
0.8
0.6
0.4
0.2
0
TYPICAL JUNCTION CAPACITANCE
1
5
10
50
100
14
V , reverse voltage (V)
R
5 x 5 mm
2 x 130
µ
Thick Copper Land Areas
1
2
3
4
5
T = 175 ºC
j
T = 25 ºC
j
f = 1 MHz
T = 25 ºC
j
10
5
1
Jun - 03



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com