Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C2552 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC16C2552
Description  Dual UART with 16-byte transmit and receive FIFOs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C2552 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC16C2552 Datasheet HTML 17Page - NXP Semiconductors SC16C2552 Datasheet HTML 18Page - NXP Semiconductors SC16C2552 Datasheet HTML 19Page - NXP Semiconductors SC16C2552 Datasheet HTML 20Page - NXP Semiconductors SC16C2552 Datasheet HTML 21Page - NXP Semiconductors SC16C2552 Datasheet HTML 22Page - NXP Semiconductors SC16C2552 Datasheet HTML 23Page - NXP Semiconductors SC16C2552 Datasheet HTML 24Page - NXP Semiconductors SC16C2552 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
Product data
Rev. 03 — 20 June 2003
21 of 38
9397 750 11636
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.8 Modem Status Register (MSR)
This register provides the current state of the control interface signals from the
modem, or other peripheral device to which the SC16C2552 is connected. Four bits
of this register are used to indicate the changed information. These bits are set to a
logic 1 whenever a control input from the modem changes state. These bits are set to
a logic 0 whenever the CPU reads this register.
[1]
Whenever any MSR bit 0-3 is set to logic 1, a Modem Status Interrupt will be generated.
0
LSR[0]
Receive data ready.
Logic 0 = No data in receive holding register or FIFO (normal default
condition).
Logic 1 = Data has been received and is saved in the receive holding
register or FIFO.
Table 17:
Line Status Register bits description…continued
Bit
Symbol
Description
Table 18:
Modem Status Register bits description
Bit
Symbol
Description
7
MSR[7]
Carrier Detect, CD. During normal operation, this bit is the complement
of the CD input. Reading this bit in the loop-back mode produces the
state of MCR[3] (OPA/OPB).
6
MSR[6]
Ring Indicator, RI. During normal operation, this bit is the complement of
the RI input. Reading this bit in the loop-back mode produces the state of
MCR[2] (OP1).
5
MSR[5]
Data Set Ready, DSR. During normal operation, this bit is the
complement of the DSR input. During the loop-back mode, this bit is
equivalent to MCR[0] (DTR).
4
MSR[4]
Clear To Send, CTS. During normal operation, this bit is the complement
of the CTS input. During the loop-back mode, this bit is equivalent to
MCR[1] (RTS).
3
MSR[3]
∆CD [1]
Logic 0 = No CD change (normal default condition).
Logic1=The CD input to the SC16C2552 has changed state since
the last time it was read. A modem Status Interrupt will be generated.
2
MSR[2]
∆RI [1]
Logic 0 = No RI change (normal default condition).
Logic1=The RI input to the SC16C2552 has changed from a logic 0
to a logic 1. A modem Status Interrupt will be generated.
1
MSR[1]
∆DSR [1]
Logic 0 = No DSR change (normal default condition).
Logic1=The DSR input to the SC16C2552 has changed state since
the last time it was read. A modem Status Interrupt will be generated.
0
MSR[0]
∆CTS [1]
Logic 0 = No CTS change (normal default condition).
Logic1=The CTS input to the
SC16C2552 has changed state since
the last time it was read. A modem Status Interrupt will be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com