Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC05-CS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # AC05-CS
Description  Axial Cemented Fusible Wirewound Safety Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AC05-CS Datasheet(HTML) 1 Page - Vishay Siliconix

  AC05-CS Datasheet HTML 1Page - Vishay Siliconix AC05-CS Datasheet HTML 2Page - Vishay Siliconix AC05-CS Datasheet HTML 3Page - Vishay Siliconix AC05-CS Datasheet HTML 4Page - Vishay Siliconix AC05-CS Datasheet HTML 5Page - Vishay Siliconix AC05-CS Datasheet HTML 6Page - Vishay Siliconix AC05-CS Datasheet HTML 7Page - Vishay Siliconix AC05-CS Datasheet HTML 8Page - Vishay Siliconix AC05-CS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AC01-CS, AC03-CS, AC05-CS
www.vishay.com
Vishay Draloric
Revision: 12-Jul-16
1
Document Number: 28909
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Axial Cemented Fusible Wirewound Safety Resistors
ACxx-CS wirewound safety resistor series is designed to be
used as fusible safety resistor (or, AC mains input resistors).
The resistor fuses “without a bang” when AC mains voltage
is applied. At the same time, it acts as an in-rush current
limiting resistor for the normal operation. The specially
developed lacquer coating has superior thermal and
electrical insulating properties. This allows designers to
more easily meet the requirements of safety approval, whilst
eliminating the need to put additional fuses in series with the
input resistor.
FEATURES
• UL1412 recognized; UL file no. E362452
(AC03-CS and AC05-CS only)
• Surge voltage handling capability (up to 6 kV)
(1.2 / 50 μs pulse in IEC 61000-4-5)
• Silent and safe fusing
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
• Energy meters
• LED drivers
• White goods
• Power supplies
Note
• Resistance value to be selected for ± 5 % from E24 series.
TECHNICAL SPECIFICATIONS
DESCRIPTION
AC01-CS
AC03-CS
AC05-CS
Resistance range (1)
3
 to 100 
4.7
 to 100 
10
 to 100 
Resistance tolerance
± 5 %
Temperature coefficient
 ± 200 ppm/K
Rated dissipation, P40
1.1 W
3 W
5 W
Rated dissipation, P70
1 W
2.5 W
4.5 W
Operating voltage, Umax. AC/DC
Operating temperature range
-40 °C to 200 °C
Max. resistance change for 116 % of P70,
R max., after 1000 h:
± (5 % R + 0.1
)
P x R


Similar Part No. - AC05-CS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AC05-CS VISHAY-AC05-CS Datasheet
170Kb / 9P
Axial Cemented Fusible Leaded Wirewound Safety Resistors
11-Jul-2018
More results

Similar Description - AC05-CS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AC01 PHILIPS-AC01 Datasheet
398Kb / 24P
Cemented wirewound resistors
2000 Oct 20
logo
Vishay Siliconix
AC03 VISHAY-AC03 Datasheet
94Kb / 4P
Axial Cemented Wirewound Safety Resistor
24-May-12
AC01000001509JAC VISHAY-AC01000001509JAC Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC05000002009JAC00 VISHAY-AC05000002009JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC03000001008JAC00 VISHAY-AC03000001008JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
Z300 VISHAY-Z300_15 Datasheet
188Kb / 5P
Axial Cemented Wirewound Resistors
24-Feb-14
AC01-CS VISHAY-AC01-CS_18 Datasheet
170Kb / 9P
Axial Cemented Fusible Leaded Wirewound Safety Resistors
11-Jul-2018
Z302BV20327 VISHAY-Z302BV20327 Datasheet
92Kb / 3P
Axial Cemented, Fusible, Wirewound Resistors
21-Sep-12
Z300-C00 VISHAY-Z300-C00 Datasheet
144Kb / 7P
Commercial Axial Cemented Leaded Wirewound Resistors
11-Jul-2018
Z300 VISHAY-Z300 Datasheet
144Kb / 7P
Commercial Axial Cemented Leaded Wirewound Resistors
11-Jul-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com